Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

7005L15PFGB Datasheet(PDF) 18 Page - Integrated Device Technology

Part No. 7005L15PFGB
Description  HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7005L15PFGB Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button 7005L15PFGB Datasheet HTML 13Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 14Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 15Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 16Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 17Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 18Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 19Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 20Page - Integrated Device Technology 7005L15PFGB Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
6.42
IDT7005S/L
High-Speed 8K x 8 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
18
cause either signal (SEM or OE) to go inactive or the output will
never change.
AsequenceWRITE/READmustbeusedbythesemaphoreinorder
to guarantee that no system level contention will occur. A processor
requestsaccesstosharedresourcesbyattemptingtowriteazerointoa
semaphorelocation.Ifthesemaphoreisalreadyinuse,thesemaphore
requestlatchwillcontainazero,yetthesemaphoreflagwillappearasone,
a fact which the processor will verify by the subsequent read (see Truth
TableV).Asanexample,assumeaprocessorwritesazerototheleftport
at a free semaphore location. On a subsequent read, the processor will
verifythatithaswrittensuccessfullytothatlocationandwillassumecontrol
overtheresourceinquestion.Meanwhile,ifaprocessorontherightside
attempts to write a zero to the same semaphore flag it will fail, as will be
verifiedbythefactthataonewillbereadfromthatsemaphoreontheright
side during subsequent read. Had a sequence of READ/WRITE been
usedinstead,systemcontentionproblemscouldhaveoccurredduringthe
gap between the read and write cycles.
Itisimportanttonotethatafailedsemaphorerequestmustbefollowed
by either repeated reads or by writing a one into the same location. The
reasonforthisiseasilyunderstoodbylookingatthesimplelogicdiagram
ofthesemaphoreflaginFigure4.Twosemaphorerequestlatchesfeed
into a semaphore flag. Whichever latch is first to present a zero to the
semaphoreflagwillforceitssideofthesemaphoreflagLOWandtheother
side HIGH. This condition will continue until a one is written to the same
semaphorerequestlatch.Shouldtheotherside’ssemaphorerequestlatch
havebeenwrittentoazerointhemeantime,thesemaphoreflagwillflip
overtotheothersideassoonasaoneiswrittenintothefirstside’srequest
latch.Thesecondside’sflagwillnowstayLOWuntilitssemaphorerequest
latchiswrittentoaone.Fromthisitiseasytounderstandthat,ifasemaphore
is requested and the processor which requested it no longer needs the
resource, the entire system can hang up until a one is written into that
semaphorerequestlatch.
The critical case of semaphore timing is when both sides request a
single token by attempting to write a zero into it at the same time. The
semaphorelogicisspeciallydesignedtoresolvethisproblem.Ifsimulta-
neousrequestsaremade,thelogicguaranteesthatonlyonesidereceives
the token. If one side is earlier than the other in making the request, the
firstsidetomaketherequestwillreceivethetoken.Ifbothrequestsarrive
at the same time, the assignment will be arbitrarily made to one port or
the other.
One caution that should be noted when using semaphores is that
semaphoresalonedonotguaranteethataccesstoaresourceissecure.
Aswithanypowerfulprogrammingtechnique,ifsemaphoresaremisused
or misinterpreted, a software error can easily happen.
Initializationofthesemaphoresisnotautomaticandmustbehandled
viatheinitializationprogramatpower-up.Sinceanysemaphorerequest
flagwhichcontainsazeromustberesettoaone,allsemaphoresonboth
sidesshouldhaveaonewrittenintothematinitializationfrombothsides
to assure that they will be free when needed.
UsingSemaphores—SomeExamples
Perhapsthesimplestapplicationofsemaphoresistheirapplicationas
resourcemarkersfortheIDT7005’sDual-PortRAM.Saythe8Kx8RAM
wastobedividedintotwo4Kx8blockswhichweretobededicatedatany
onetimetoservicingeithertheleftorrightport.Semaphore0couldbeused
toindicatethesidewhichwouldcontrolthelowersectionofmemory,and
configurations.TheIDT7005doesnotuseitssemaphoreflagstocontrol
anyresourcesthroughhardware,thusallowingthesystemdesignertotal
flexibilityinsystemarchitecture.
An advantage of using semaphores rather than the more common
methodsofhardwarearbitrationisthatwaitstatesareneverincurredin
either processor. This can prove to be a major advantage in very
high-speedsystems.
How the Semaphore Flags Work
Thesemaphorelogicisasetofeightlatcheswhichareindependent
oftheDual-PortRAM.Theselatchescanbeusedtopassaflag,ortoken,
fromoneporttotheothertoindicatethatasharedresourceisinuse.The
semaphores provide a hardware assist for a use assignment method
called“TokenPassingAllocation.”Inthismethod,thestateofasemaphore
latchisusedasatokenindicatingthatsharedresourceisinuse.Iftheleft
processorwantstousethisresource,itrequeststhetokenbysettingthe
latch.Thisprocessorthenverifiesitssuccessinsettingthelatchbyreading
it. If it was successful, it proceeds to assume control over the shared
resource.Ifitwasnotsuccessfulinsettingthelatch,itdeterminesthatthe
rightsideprocessorhassetthelatchfirst, hasthetokenandisusingthe
sharedresource.Theleftprocessorcantheneitherrepeatedlyrequest
thatsemaphore’sstatusorremoveitsrequestforthatsemaphoretoperform
anothertaskandoccasionallyattemptagaintogaincontrolofthetokenvia
thesetandtestsequence.Oncetherightsidehasrelinquishedthetoken,
theleftsideshouldsucceedingainingcontrol.
ThesemaphoreflagsareactiveLOW.Atokenisrequestedbywriting
azerointoasemaphorelatchandisreleasedwhenthesamesidewrites
a one to that latch.
The eight semaphore flags reside within the IDT7005 in a separate
memoryspacefromtheDual-PortRAM.Thisaddressspaceisaccessed
byplacingaLOWinputontheSEMpin(whichactsasachipselectforthe
semaphore flags) and using the other control pins (Address, OE, and
R/W) as they would be used in accessing a standard static RAM. Each
of the flags has a unique address which can be accessed by either side
throughaddresspinsA0–A2.Whenaccessingthesemaphores,noneof
the other address pins has any effect.
Whenwritingtoasemaphore,onlydatapinD0isused.IfaLOWlevel
iswrittenintoanunusedsemaphorelocation,thatflagwillbesettoazero
on that side and a one on the other side (see Truth Table V). That
semaphorecannowonlybemodifiedbythesideshowingthezero.When
aoneiswrittenintothesamelocationfromthesameside,theflagwillbe
settoaoneforbothsides(unlessasemaphorerequestfromtheotherside
ispending)andthencanbewrittentobybothsides. Thefactthattheside
whichisabletowriteazerointoasemaphoresubsequentlylocksoutwrites
fromtheothersideiswhatmakessemaphoreflagsusefulininterprocessor
communications.(Athoroughdiscussionontheuseofthisfeaturefollows
shortly.) A zero written into the same location from the other side will be
storedinthesemaphorerequestlatchforthatsideuntilthesemaphoreis
freed by the first side.
Whenasemaphoreflagisread,itsvalueisspreadintoalldatabitsso
thataflagthatisaonereadsasaoneinalldatabitsandaflagcontaining
azeroreadsasallzeros.Thereadvalueislatchedintooneside’soutput
registerwhenthatside'ssemaphoreselect(SEM)andoutputenable(OE)
signalsgoactive.Thisservestodisallowthesemaphorefromchanging
stateinthemiddleofareadcycleduetoawritecyclefromtheotherside.
Becauseofthislatch,arepeatedreadofasemaphoreinatestloopmust


Similar Part No. - 7005L15PFGB

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
7005L15PFGB IDT-7005L15PFGB Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7005L15PFGB

ManufacturerPart No.DatasheetDescription
Integrated Device Technology
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
   HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz