Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3813M-1.0 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3813M-1.0
Description  Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3813M-1.0 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3813M-1.0 Datasheet HTML 6Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 7Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 8Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 9Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 10Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 11Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 12Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 13Page - National Semiconductor (TI) LM3813M-1.0 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Product Operation
The current is sampled by the delta-sigma modulator, as il-
lustrated in
Figure 6. The pulse density output of the
delta-sigma modulator is digitally filtered. The digital output
is then compared to the output of a digital ramp generator.
This produces a PWM output. The duty cycle of the PWM
output is proportional to the amount of current flowing. A duty
cycle of 50% indicates zero current flow. If the current is flow-
ing in positive direction, the duty cycle will be greater than
50%. Conversely, the duty cycle will be less than 50% for
currents flowing in the negative direction. A duty cycle of
95.5% (4.5%) indicates the current is at I
MAX (−IMAX). The IC
can sense currents from −I
MAX to +IMAX. Options for IMAX are
1A or 10A. The sense current is given by:
I
SENSE = 2.2 (D−0.5)(IMAX)
where D is the duty cycle of the PWM waveform, and I
MAX is
the full scale current (1A or 10A). Similarly, the duty cycle is
given by:
D = [I
SENSE/(2.2 IMAX)] + 0.5
For quick reference, see the Conversion Tables in
Table 1
and
Table 2.
The user should note that, while the LM3812-7.0/
LM3813-7.0 will read 10A full scale, it is rated for 10A op-
eration for a duration of no more than 200 msec, and 7A
operation continuously.
In this IC, the current is averaged over 50 msec time slots.
Hence, momentary current surges of less than 50 msec are
tolerated.
This is a sampled data system which requires an
anti-aliasing filter, provided by the filter capacitor.
The delta-sigma modulator converts the sensed current to
the digital domain. This allows digital filtering, and provides
immunity to current and noise spikes. This type of filtering
would be difficult or impossible to accomplish on an IC with
analog components.
When ordering, the user has to specify whether the part is
being used for low-side or high-side sense. The user also
needs to specify the full scale value. See the Ordering Infor-
mation table for details.
DS100122-10
FIGURE 6. Functional block diagram of LM3812 and LM3813
www.national.com
10


Similar Part No. - LM3813M-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM381 NSC-LM381 Datasheet
130Kb / 6P
   LM381/LM381A Low Noise Dual Preamplifier
logo
Seoul Semiconductor
LM381 SEOUL-LM381 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM381 SEOUL-LM381 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM381 SEOUL-LM381 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LM3813M-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3822 NSC-LM3822 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
Maxim Integrated Produc...
MAX40016 MAXIM-MAX40016 Datasheet
940Kb / 22P
   4-Decade Current Sense Amplifier with Integrated Current Sense Element
2018
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS Datasheet
491Kb / 2P
   Metal Element Current Sense
logo
Maxim Integrated Produc...
MAX40016EVKIT MAXIM-MAX40016EVKIT Datasheet
995Kb / 9P
   Integrated Current Sense Element
Rev 0; 10/17
MAX9934 MAXIM-MAX9934_V01 Datasheet
861Kb / 19P
   High-Precision, Low-Voltage, Current-Sense Amplifier with Current Output and Chip Select for Multiplexing
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com