Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C409A-15DMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C409A-15DMB
Description  64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C409A-15DMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C409A-15DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C409A-15DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY7C408A
CY7C409A
3
Switching Characteristics Over the Operating Range[3, 6]
Test
Conditions
7C408A-15
7C409A-15
7C408A-25
7C409A-25
7C408A-35
7C409A-35
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fO
Operating Frequency
Note 7
15
25
35
MHz
tPHSI
SI HIGH Time
Note 7
23
11
9
ns
tPLSI
SI LOW Time
Note 7
25
24
17
ns
tSSI
Data Set-Up to SI
Note 8
0
0
0
ns
tHSI
Data Hold from SI
Note 8
30
20
12
ns
tDLIR
Delay, SI HIGH to IR LOW
35
21
15
ns
tDHIR
Delay, SI LOW to IR HIGH
40
23
16
ns
tPHSO
SO HIGH Time
Note 7
23
11
9
ns
tPLSO
SO LOW Time
Note 7
25
24
17
ns
tDLOR
Delay, SO HIGH to OR LOW
35
21
15
ns
tDHOR
Delay, SO LOW to OR HIGH
40
23
16
ns
tSOR
Data Set-Up to OR HIGH
0
0
0
ns
tHSO
Data Hold from SO LOW
0
0
0
ns
tBT
Fall-through, Bubble-back Time
10
65
10
60
10
50
ns
tSIR
Data Set-Up to IR
Note 9
5
5
5
ns
tHIR
Data Hold from IR
Note 9
30
20
20
ns
tPIR
Input Ready Pulse HIGH
Note 10
6
6
6
ns
tPOR
Output Ready Pulse HIGH
Note 11
6
6
6
ns
tDLZOE
OE LOW to LOW Z (7C408A)
Note 12
35
30
25
ns
tDHZOE
OE HIGH to HIGH Z (7C408A)
Note 7
35
30
25
ns
tDHHF
SI LOW to HF HIGH
65
55
45
ns
tDLHF
SO LOW to HF LOW
65
55
45
ns
tDLAFE
SO or SI LOW to AFE LOW
65
55
45
ns
tDHAFE
SO or SI LOW to AFE HIGH
65
55
45
ns
tPMR
MR Pulse Width
55
45
35
ns
tDSI
MR HIGH to SI HIGH
25
10
10
ns
tDOR
MR LOW to OR LOW
55
45
35
ns
tDIR
MR LOW to IR HIGH
55
45
35
ns
tLZMR
MR LOW to Output LOW
Note 13
55
45
35
ns
tAFE
MR LOW to AFE HIGH
55
45
35
ns
tHF
MR LOW to HF LOW
55
45
35
ns
tOD
SO LOW to Next Data Out Valid
28
20
16
ns
Notes:
6.
Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5V and output loading of the specified IOL/IOH and 30-pF load
capacitance, as in parts (a) and (b) of AC Test Loads and Waveforms.
7.
1/fO > (tPHSI + tPLSI), 1/fO > (tPHSO + tPLSO).
8.
tSSI and tHSI apply when memory is not full.
9.
tSIR and tHIR apply when memory is full, SI is high and minimum bubble-through (tBT) conditions exist.
10. At any given operating condition tPIR > (tPHSO required).
11.
At any given operating condition tPOR > (tPHSI required).
12. tDHZOE and tDLZOE are specified with CL = 5 pF as in part (b) of AC Test Loads and Waveforms. tDHZOE transition is measured ±500 mV from steady-state
voltage. tDLZOE transition is measured ±100 mV from steady-state voltage. These parameters are guaranteed and not 100% tested.
13. All data outputs will be at LOW level after reset goes HIGH until data is entered into the FIFO.


Similar Part No. - CY7C409A-15DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C409A-15DMB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com