Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17201 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17201
Description  Stand-Alone ModelGauge m5 Fuel Gauge
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17201 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17201 Datasheet HTML 1Page - Maxim Integrated Products MAX17201 Datasheet HTML 2Page - Maxim Integrated Products MAX17201 Datasheet HTML 3Page - Maxim Integrated Products MAX17201 Datasheet HTML 4Page - Maxim Integrated Products MAX17201 Datasheet HTML 5Page - Maxim Integrated Products MAX17201 Datasheet HTML 6Page - Maxim Integrated Products MAX17201 Datasheet HTML 7Page - Maxim Integrated Products MAX17201 Datasheet HTML 8Page - Maxim Integrated Products MAX17201 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 115 page
background image
General Description
The MAX1720x/MAX1721x are ultra-low power stand-alone
fuel gauge ICs that implement the Maxim ModelGauge™
m5 algorithm without requiring host interaction for configura-
tion. This feature makes the MAX1720x/MAX1721x excellent
pack-side fuel gauges. The MAX17201/MAX17211 monitor a
single cell pack. The MAX17205/MAX17215 monitor and bal-
ance a 2S or 3S pack or monitor a multiple-series cell pack.
To prevent battery pack cloning, the ICs integrate SHA-
256 authentication with a 160-bit secret key. Each IC
incorporates a unique 64-bit ID.
The ModelGauge™ m5 algorithm combines the short-term
accuracy and linearity of a coulomb counter with the long-
term stability of a voltage-based fuel gauge, along with
temperature compensation to provide industry-leading
fuel gauge accuracy. The IC automatically compensates
for cell aging, temperature, and discharge rate, and pro-
vides accurate state of charge (SOC) in milliampere-hours
(mAh) or percentage (%) over a wide range of operating
conditions. As the battery approaches the critical region
near empty, the ModelGauge m5 algorithm invokes a spe-
cial error correction mechanism that eliminates any error.
The ICs provide accurate estimation of time-to-empty and
time-to-full, Cycle+™ age forecast, and three methods
for reporting the age of the battery: reduction in capacity,
increase in battery resistance, and cycle odometer.
The ICs provide precision measurements of current, voltage,
and temperature. Temperature of the battery pack is mea-
sured using an internal temperature measurement and up to
two external thermistors supported by ratiometric measure-
ments on auxiliary inputs. A Maxim 1-Wire® (MAX17211/
MAX17215) or 2-wire I2C (MAX17201/MAX17205) inter-
face provides access to data and control registers. The ICs
are available in lead-free, 3mm x 3mm, 14-pin TDFN and
1.6mm x 2.4mm 15-bump WLP packages.
Applications
● Smartphones and Tablets
● Portable Game Players
● e-Readers
● Digital Still and Video Cameras
● Handheld Computers and Terminals
● Portable Medical Equipment
● Handheld Radios
Benefits and Features
● ModelGauge m5 Algorithm
• Eliminates Error when Approaching Empty Voltage
• Eliminates Coulomb-Counter Drift
• Current, Temperature, and Age Compensated
• Does Not Require Empty, Full, or Idle States
• No Characterization Required for EZ Performance
(See the ModelGauge m5 EZ Performance Section)
• Cycle+ Age Forecasting Observes Lifespan
● Nonvolatile Memory for Stand-Alone Operation
• Learned Parameters and History Logging
• Up to 75 Words Available for User Data
● Precision Measurement System
• No Calibration Required
● Time-to-Empty and Time-to-Full Estimation
● Temperature Measurement
• Die Temperature
• Up to Two External Thermistors
● Multiple Series Cell Pack Operation
● Low Quiescent Current
• MAX172x1: 18µA Active, 9µA Hibernate
• MAX172x5: 25µA Active, 12µA Hibernate
● Alert Indicator for Voltage, SOC, Temperature,
Current, and 1% SOC Change
● High-Speed Overcurrent Comparators
● Predicts Remaining Capacity Under Theoretical Load
● SHA-256 Authentication
● Maxim 1-Wire or 2-Wire (I2C) Interface
● SBS 1.1 Compatible Register Set
Ordering Information appears at end of data sheet.
ModelGauge and Cycle+ are trademarks and 1-Wire is a regis-
tered trademark of Maxim Integrated Products, Inc.
19-8424; Rev 2; 8/16
MAX17201/MAX17205/
MAX17211/MAX17215
Stand-Alone ModelGauge m5 Fuel Gauge
with SHA-256 Authentication
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17201 MAXIM-MAX17201 Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
MAX17201GEVKIT MAXIM-MAX17201GEVKIT Datasheet
2Mb / 24P
   Lithium battery pack of desired configuration
Rev 1; 4/16
MAX17201GEVKIT# MAXIM-MAX17201GEVKIT# Datasheet
2Mb / 24P
   Lithium battery pack of desired configuration
Rev 1; 4/16
MAX17201X MAXIM-MAX17201X Datasheet
2Mb / 24P
   Battery charger or power supply
Rev 1; 4/16
More results

Similar Description - MAX17201

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2782 MAXIM-DS2782_09 Datasheet
452Kb / 28P
   Stand-Alone Fuel Gauge IC
5/09
DS2782 MAXIM-DS2782 Datasheet
291Kb / 25P
   Stand-Alone Fuel Gauge IC
REV: 042505
DS2786 MAXIM-DS2786_09 Datasheet
317Kb / 22P
   Stand-Alone OCV-Based Fuel Gauge
5/09
DS2786B MAXIM-DS2786B Datasheet
369Kb / 21P
   Stand-Alone OCV-Based Fuel Gauge
Rev 1; 4/10
MAX17055 MAXIM-MAX17055 Datasheet
582Kb / 24P
   7μA 1-Cell Fuel Gauge with ModelGauge m5 EZ
Rev 0; 1/17
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
   ModelGauge m3 Fuel Gauge
Rev 2; 4/12
MAX17261 MAXIM-MAX17261 Datasheet
1Mb / 32P
   5.1關A Multi-Cell Fuel Gauge with ModelGauge m5 EZ
2018
DS2788 MAXIM-DS2788 Datasheet
338Kb / 30P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 0; 10/07
DS2788 MAXIM-DS2788_09 Datasheet
399Kb / 32P
   Stand-Alone Fuel-Gauge IC with LED Display Drivers
Rev 2; 5/09
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
   AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com