Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C408A-35PC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C408A-35PC
Description  64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C408A-35PC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C408A-35PC Datasheet HTML 4Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 5Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 6Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 7Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 8Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 9Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 10Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 11Page - Cypress Semiconductor CY7C408A-35PC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY7C408A
CY7C409A
8
Architecture of the CY7C408A and CY7C409A
The CY7C408A and CY7C409A FIFOs consist of an array of
64 words of 8 or 9 bits each (which are implemented using a
dual-port RAM cell), a write pointer, a read pointer, and the
control logic necessary to generate the handshaking (SI/IR,
SO/OR) signals as well as the almost full/almost empty (AFE)
and half full (HF) flags. The handshaking signals operate in a
manner
identical
to
those
of
the
industry
standard
CY7C401/402/403/404 FIFOs.
Dual-Port RAM
The dual-port RAM architecture refers to the basic memory
cell used in the RAM. The cell itself enables the read and write
operations to be independent of each other, which is neces-
sary to achieve truly asynchronous operation of the inputs and
outputs. A second benefit is that the time required to increment
the read and write pointers is much less than the time that
would be required for data to propagate through the memory,
which it would have to do if the memory were implemented
using the conventional register array architecture.
Fall-Through and Bubble-Back
The time required for data to propagate from the input to the
output of an initially empty FIFO is defined as the fall-through
time.
The time required for an empty location to propagate from the
output to the input of an initially full FIFO is defined as the
bubble-back time.
The maximum rate at which data can be passed through the
FIFO (called the throughput) is limited by the fall-through time
when it is empty (or near empty) and by the bubble-back time
when it is full (or near full).
The conventional definitions of fall-through and bubble-back
do not apply to the CY7C408A and CY7C409A FIFOs be-
cause the data is not physically propagated through the mem-
ory. The read and write pointers are incremented instead of
moving the data. However, the parameter is specified because
it does represent the worst-case propagation delay for the con-
trol signals. That is, the time required to increment the write
pointer and propagate a signal from the SI input to the OR
output of an empty FIFO or the time required to increment the
read pointer and propagate a signal from the SO input to the
IR output of a full FIFO.
Resetting the FIFO
Upon power-up, the FIFO must be reset with a master reset
(MR) signal. This causes the device to enter the empty condi-
tion, which is signified by the OR signal being LOW at the
same time that the IR signal is HIGH. In this condition, the data
outputs (DO0 – DO8) will be LOW. The AFE flag will be HIGH
and the HF flag will be LOW.
Shifting Data Into the FIFO
The availability of an empty location is indicated by the HIGH
state of the input ready (IR) signal. When IR is HIGH a LOW
to HIGH transition on the shift in (SI) pin will clock the data on
the DI0 - DI8 inputs into the FIFO. Data propagates through the
device at the falling edge of SI.
The IR output will then go LOW, indicating that the data has
been sampled. The HIGH-to-LOW transition of the SI signal
initiates the LOW-to-HIGH transition of the IR signal if the FIFO
is not full. If the FIFO is full, IR will remain LOW.
Shifting Data Out of the FIFO
The availability of data at the outputs of the FIFO is indicated
by the HIGH state of the output ready (OR) signal. After the
FIFO is reset all data outputs (DO0 – DO8) will be in the LOW
state. As long as the FIFO remains empty, the OR signal will
be LOW and all SO pulses applied to it will be ignored. After
data is shifted into the FIFO, the OR signal will go HIGH. The
external control logic (designed by the user) should use the
HIGH state of the OR signal to generate a SO pulse. The data
outputs of the FIFO should be sampled with edge-sensitive
type D flip-flops (or equivalent), using the SO signal as the
clock input to the flip-flop.
AFE and HF Flags
Two flags, almost full/almost empty (AFE) and half full (HF),
describe how many words are stored in the FIFO. AFE is HIGH
when there are 8 or fewer or 56 or more words stored in the
FIFO. Otherwise the AFE flag is LOW. HF is HIGH when there
are 32 or more words stored in the FIFO, otherwise the HF flag
is LOW. Flag transitions occur relative to the falling edges of
SI and SO (
Figures 1 and 2).
Due to the asynchronous nature of the SI and SO signals, it is
possible to encounter specific timing relationships which may
cause short pulses on the AFE and HF flags. These pulses are
entirely due to the dynamic relationship of the SI and SO sig-
nals. The flags, however, will always settle to their correct state
after the appropriate delay (tDHAFE, tDLAFE, tDHHF, or tDLHF).
Therefore, use of level-sensitive rather than edge-sensitive
flag detection devices is recommended to avoid false flag en-
coding.
Figure 1. Shifting Words In.
C408A–17
SHIFT IN
HF
AFE
12
EMPTY
89
10
33
55
56
57
31
32
64
FULL


Similar Part No. - CY7C408A-35PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C408A-35PC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com