Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C291A-25LMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C291A-25LMB
Description  2K x 8 Reprogrammable PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A-25LMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C291A-25LMB Datasheet HTML 1Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 2Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C291A-25LMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C291A
CY7C292A/CY7C293A
3
Electrical Characteristics Over the Operating Range[3,4]
7C291A-20
7C292A-20
7C293A-20
7C291A-25
7C292A-25
7C293A-25
7C291AL-25
7C292AL-25
7C293AL-25
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
Guaranteed Input Logical
HIGH Voltage for All Inputs
2.0
VCC
2.0
VCC
2.0
VCC
V
VIL
Input LOW Voltage
Guaranteed Input Logical
LOW Voltage for All Inputs
0.8
0.8
0.8
V
IIX
Input Load Current
GND < VIN < VCC
−10
+10
−10
+10
−10
+10
µA
VCD
Input Diode Clamp Voltage
Note 4
IOZ
Output Leakage Current
GND < VOUT < VCC,
Output Disabled
−10
+10
−10
+10
−10
+10
µA
IOS
Output Short Circuit
Current[5]
VCC = Max., VOUT = GND
−20
−90
−20
−90
−20
−90
mA
ICC
VCC Operating Supply
Current
VCC = Max.,
IOUT = 0 mA
Com’l
120
90
60
mA
Mil
120
ISB
Standby Supply Current
(7C293A Only)
VCC = Max.,
CS1 = VIH
Com’l
40
30
30
mA
Mil
40
VPP
Programming Supply Voltage
12
13
12
13
12
13
V
IPP
Programming Supply Current
50
50
50
mA
VIHP
Input HIGH Programming
Voltage
3.0
3.0
3.0
V
VILP
Input LOW Programming
Voltage
0.4
0.4
0.4
V
Notes:
3.
See the last page of this specification for Group A subgroup testing information.
4.
See the “Introduction to CMOS PROMs” section of the Cypress Data Book for general information on testing.
5.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.


Similar Part No. - CY7C291A-25LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-25JC CYPRESS-CY7C291A-25JC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-25JC CYPRESS-CY7C291A-25JC Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
CY7C291A-25PC CYPRESS-CY7C291A-25PC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-25PC CYPRESS-CY7C291A-25PC Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
CY7C291A-25SC CYPRESS-CY7C291A-25SC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results

Similar Description - CY7C291A-25LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com