Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C291A-25SC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C291A-25SC
Description  2K x 8 Reprogrammable PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A-25SC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C291A-25SC Datasheet HTML 3Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 4Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 5Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 6Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 7Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 8Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 9Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 10Page - Cypress Semiconductor CY7C291A-25SC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C291A
CY7C292A/CY7C293A
7
Typical DC and AC Characteristics
1.4
1.6
1.0
0.8
4.0
4.5
5.0
5.5
6.0
−55
25
125
1.2
1.1
1.2
1.0
0.8
0.6
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
SUPPLY VOLTAGE (V)
NORMALIZED ACCESS TIME
vs. SUPPLY VOLTAGE
0.6
1.2
1.0
0.9
0.8
TA =25°C
0.4
TA =25°C
f= fMAX
C291A-10
1.6
1.4
1.2
1.0
0.8
−55
125
AMBIENT TEMPERATURE(
°C)
NORMALIZED ACCESS TIME
vs. TEMPERATURE
0.6
60
50
40
30
20
10
0
1.0
2.0
3.0
OUTPUT VOLTAGE (V)
30.0
25.0
20.0
15.0
10.0
5.0
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL ACCESS TIME CHANGE
vs. OUTPUT LOADING
4.0
0.0
1000
VCC =4.5V
TA =25°C
25
0
OUTPUT SOURCE CURRENT
vs. VOLTAGE
150
175
125
75
50
25
0.0
1.0
2.0
3.0
0
100
OUTPUT VOLTAGE (V)
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
VCC =5.0V
TA =25°C
4.0
C291A-11
1.00
1.02
0.98
0.94
0.92
0.90
025
50
75
100
0.88
0.96
I CC vs. CYCLE PERIOD
CYCLE PERIOD (ns)
VCC =5.5V
TA =25°C


Similar Part No. - CY7C291A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-25SC CYPRESS-CY7C291A-25SC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results

Similar Description - CY7C291A-25SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com