Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V261LA15TFG Datasheet(PDF) 27 Page - Integrated Device Technology

Part # 72V261LA15TFG
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V261LA15TFG Datasheet(HTML) 27 Page - Integrated Device Technology

Back Button 72V261LA15TFG Datasheet HTML 19Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 20Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 21Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 22Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 23Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 24Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 25Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 26Page - Integrated Device Technology 72V261LA15TFG Datasheet HTML 27Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
27
©
3.3 VOLT CMOS SuperSync FIFO
16,384 x 9
32,768 x 9
IDT72V261LA
IDT72V271LA
ADDENDUM
DIFFERENCES BETWEEN THE IDT72V261LA/72V271LA AND IDT72V261L/72V271L
IDT has improved the performance of the IDT72V261/72V271 SuperSync™ FIFOs. The new versions are designated by the “LA” mark. The LA
part is pin-for-pin compatible with the original “L” version. Some difference exist between the two versions. The following table details these differences.
Item
NEW PART
OLD PART
Comments
IDT72V261LA
IDT72V261L
IDT72V271LA
IDT72V271L
Pin #3
DC (Don’t Care) - There is
FS (Frequency Select)
In the LA part this pin must be tied
no restriction on WCLK and
to either VCC or GND and must
RCLK. See note 1.
not toggle after reset.
First Word Latency
60ns(2) + tREF + 1 TRCLK(4)
tFWL
1 = 10*Tf
(3)
+ 2TRCLK(4)(ns) First word latency in the LA part is
(IDT Standard Mode)
a fixed value, independent of the
frequency of RCLK or WCLK.
First Word Latency
60ns(2) + tREF + 2 TRCLK(4)
tFWL
2 = 10*Tf
(3)
+ 3TRCLK(4)(ns) First word latency in the LA part is
(FWFT Mode)
a fixed value, independent of the
frequency of RCLK or WCLK.
Retransmit Latency
60ns(2) + tREF + 1 TRCLK(4)
tRTF
1 = 14*Tf
(3)
+ 3TRCLK(4)(ns) Retransmit latency in the LA part is
(IDT Standard Mode)
a fixed value, independent of the
frequency of RCLK or WCLK.
Retransmit Latency
60ns(2) + tREF + 2 TRCLK(4)
tRTF
2 = 14*Tf
(3)
+ 4TRCLK(4)(ns) Retransmit latency in the LA part is
(FWFT Mode)
a fixed value, independent of the
frequency of RCLK or WCLK.
ICC1
55mA
150mA
Active supply current
ICC2
20mA
15mA
Standby current
Typical ICC1(5)
10 + 0.95*fS + 0.02*CL*fS(mA)
Not Given
Typical ICC1 Current calculation
NOTES:
1. WCLK and RCLK can vary independently and can be stopped. There is no restriction on operating WCLK and RCLK.
2. This is tSKEW3.
3. Tf is the period of the ‘selected clock’.
4. TRCLK is the cycle period of the read clock.
5. Typical ICC1 is based on VCC = 3.3V, tA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz using TTL levels), data switching at fS/2, CL = Capacitive Load (in pF).
2009 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SuperSync is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES


Similar Part No. - 72V261LA15TFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results

Similar Description - 72V261LA15TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com