Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V261LA15TFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V261LA15TFGI
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V261LA15TFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72V261LA15TFGI Datasheet HTML 1Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 2Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 3Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 4Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 5Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 6Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 7Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 8Page - Integrated Device Technology 72V261LA15TFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
DESCRIPTION (CONTINUED)
Figure 1. Block Diagram of Single 16,384 x 9 and 32,768 x 9 Synchronous FIFO
DATA OUT (Q0 - Qn)
DATA IN (D0 - Dn)
MASTER RESET (MRS)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
EMPTY FLAG/OUTPUT READY (EF/OR)
PROGRAMMABLE ALMOST-EMPTY (PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (WEN)
LOAD (LD)
FULL FLAG/INPUT READY (FF/IR)
PROGRAMMABLE ALMOST-FULL (PAF)
IDT
72V261LA
72V271LA
PARTIAL RESET (PRS)
FIRST WORD FALL THROUGH/SERIAL INPUT
(FWFT/SI)
RETRANSMIT (RT)
4673 drw 03
HALF FULL FLAG (HF)
SERIAL ENABLE(SEN)
There are two possible timing modes of operation with these devices:
IDT Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is
performed. A read operation, which consists of activating REN and
enabling a rising RCLK edge, will shift the word from internal memory to
the data output lines.
In FWFT mode, the first word written to an empty FIFO is clocked
directly to the data output lines after three transitions of the RCLK signal. A
REN
does not have to be asserted for accessing the first word. However,
subsequent words written to the FIFO do require a LOW on REN for
access. The state of the FWFT/SI input during Master Reset determines
the timing mode in use.
For applications requiring more data storage capacity than a single
FIFO can provide, the FWFT timing mode permits depth expansion by
chaining FIFOs in series (i.e. the data outputs of one FIFO are connected
to the corresponding data inputs of the next). No external logic is re-
quired.
These FIFOs have five flag pins, EF/OR (Empty Flag or Output Ready),
FF
/IR (Full Flag or Input Ready), HF (Half-full Flag), PAE (Programmable
Almost-Empty flag) and PAF (Programmable Almost-Full flag). The EF
and FF functions are selected in IDT Standard mode. The IR and OR
functions are selected in FWFT mode. HF, PAE and PAF are always
available for use, irrespective of timing mode.
PAE
and PAF can be programmed independently to switch at any point
in memory. (See Table 1 and Table 2.) Programmable offsets determine
the flag switching threshold and can be loaded by two methods: parallel or
serial. Two default offset settings are also provided, so that PAE can be
set to switch at 127 or 1,023 locations from the empty boundary and the
PAF
threshold can be set at 127 or 1,023 locations from the full boundary.
These choices are made with the LD pin during Master Reset.
For serial programming, SEN together with LD on each rising edge of
WCLK, are used to load the offset registers via the Serial Input (SI). For
parallel programming, WEN together with LD on each rising edge of WCLK,
are used to load the offset registers via Dn. REN together with LD on each
rising edge of RCLK can be used to read the offsets in parallel from Qn
regardless of whether serial or parallel offset loading has been selected.
During Master Reset (MRS) the following events occur: The read and
write pointers are set to the first location of the FIFO. The FWFT pin
selects IDT Standard mode or FWFT mode. The LD pin selects either a
partial flag default setting of 127 with parallel programming or a partial flag
default setting of 1,023 with serial programming. The flags are updated
according to the timing mode and default offsets selected.
The Partial Reset (PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, partial flag program-
ming method, and default or programmed offset settings existing before
Partial Reset remain unchanged. The flags are updated according to the
timing mode and offsets in effect. PRS is useful for resetting a device in
mid-operation, when reprogramming partial flags would be undesirable.
The Retransmit function allows data to be reread from the FIFO more
than once. A LOW on the RT input during a rising RCLK edge initiates a
retransmit operation by setting the read pointer to the first location of the
memory array.
If, at any time, the FIFO is not actively performing an operation, the chip
will automatically power down. Once in the power down state, the standby
supply current consumption is minimized. Initiating any operation (by acti-
vating control inputs) will immediately take the device out of the power
down state.
The IDT72V261LA/72V271LA are fabricated using IDT’s high speed
submicron CMOS technology.


Similar Part No. - 72V261LA15TFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results

Similar Description - 72V261LA15TFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com