Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C291A-25JC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C291A-25JC
Description  2K x 8 Reprogrammable PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A-25JC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C291A-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C291A-25JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2K x 8 Reprogrammable PROM
CY7C291A
CY7C292A/CY7C293A
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
March 1986 – Revised May 1993
1CY 7C29 2A
Features
Windowed for reprogrammability
CMOS for optimum speed/power
High speed
— 20 ns (commercial)
— 25 ns (military)
Low power
— 660 mW (commercial and military)
Low standby power
— 220 mW (commercial and military)
EPROM technology 100% programmable
Slim 300-mil or standard 600-mil packaging available
5V
±10% V
CC, commercial and military
TTL-compatible I/O
Direct replacement for bipolar PROMs
Capable of withstanding >2001V static discharge
Functional Description
The CY7C291A, CY7C292A, and CY7C293A are high-perfor-
mance 2K-word by 8-bit CMOS PROMs. They are functionally
identical, but are packaged in 300-mil (7C291A, 7C293A) and
600-mil wide plastic and hermetic DIP packages (7C292A).
The CY7C293A has an automatic power down feature which
reduces the power consumption by over 70% when deselect-
ed. The 300-mil ceramic package may be equipped with an
erasure window; when exposed to UV light the PROM is
erased and can then be reprogrammed. The memory cells uti-
lize proven EPROM floating-gate technology and byte-wide in-
telligent programming algorithms.
The CY7C291A, CY7C292A, and CY7C293A are plug-in re-
placements for bipolar devices and offer the advantages of
lower power, reprogrammability, superior performance and
programming yield. The EPROM cell requires only 12.5V for
the supervoltage and low current requirements allow for gang
programming. The EPROM cells allow for each memory loca-
tion to be tested 100%, as each location is written into, erased,
and repeatedly exercised prior to encapsulation. Each PROM
is also tested for AC performance to guarantee that after cus-
tomer programming the product will meet DC and AC specifi-
cation limits.
A read is accomplished by placing an active LOW signal on
CS1, and active HIGH signals on CS2 and CS3. The contents
of the memory location addressed by the address line (A0
A10) will become available on the output lines (O0 − O7).
Logic Block Diagram
Pin Configurations
C291A-1
C291A-2
C291A-3
O7
O6
O5
O4
O3
O2
O1
O0
PROGRAM-
MABLE
ARRAY
MULTI-
PLEXER
GND
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
A6
A5
A4
A3
A2
A1
A0
O0
A7
O3
VCC
A8
A9
A10
O7
O6
O5
O4
CS1
O2
12
13
O1
CS3
CS2
28
4
5
6
7
8
9
10
32 1
27
1314151617
26
25
24
23
22
21
20
11
12
19
O0
18
NC
A0
A4
A3
A10
NC
CS1
CS2
O7
O6
A2
A1
CS3
CS1
CS2
CS3
POWER
DOWN
7C293A
Window available on
7C291A and 7C293A
only.
DIP
LCC/PLCC (Opaque Only)
Top View
Top View
ADDRESS
DECODER
A0
A1
A2
A3
A4
A5
A6
A8
A9
A10
A7
COLUMN
ADDRESS
ROW
ADDRESS
7C291A
7C292A
7C293A
7C291A
7C293A


Similar Part No. - CY7C291A-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-25JC CYPRESS-CY7C291A-25JC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-25JC CYPRESS-CY7C291A-25JC Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
More results

Similar Description - CY7C291A-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com