Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V261LA15TFG8 Datasheet(PDF) 23 Page - Integrated Device Technology

Part # 72V261LA15TFG8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V261LA15TFG8 Datasheet(HTML) 23 Page - Integrated Device Technology

Back Button 72V261LA15TFG8 Datasheet HTML 19Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 20Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 21Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 22Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 23Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 24Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 25Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 26Page - Integrated Device Technology 72V261LA15TFG8 Datasheet HTML 27Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
23
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
WCLK
t ENH
t CLKH
tCLKL
WEN
PAF
RCLK
(3)
REN
4673 drw 19
t ENS
t ENH
t ENS
D - (m+1) words in FIFO(2)
D - m words in FIFO(2)
tSKEW2
1
2
12
D-(m+1) words
in FIFO(2)
tPAF
tPAF
Figure 18. Half-Full Flag Timing (IDT Standard and FWFT Modes)
WCLK
t ENH
t CLKH
tCLKL
WEN
PAE
RCLK
t ENS
tPAE
tSKEW2
tPAE
12
12
(4)
REN
4673 drw 20
t ENS
t ENH
n+1 words in FIFO (2),
n+2 words in FIFO (3)
n words in FIFO (2),
n+1 words in FIFO (3)
n words in FIFO (2),
n+1 words in FIFO (3)
WCLK
tENS
tENH
WEN
HF
tENS
RCLK
REN
4673 drw 21
D/2 words in FIFO(1),
[
+ 1
] words in FIFO(2)
D-1
2
D/2 + 1 words in FIFO
(1),
[
+ 2
] words in FIFO(2)
D-1
2
D/2 words in FIFO(1),
[
+ 1
] words in FIFO(2)
D-1
2
tCLKH
tCLKL
tHF
tHF
Figure 17. Programmable Almost-Empty Flag Timing (IDT Standard and FWFT Modes)
Figure 16. Programmable Almost-Full Flag Timing (IDT Standard and FWFT Modes)
NOTES:
1. For IDT Standard mode: D = maximum FIFO depth. D = 16,384 for the IDT72V261LA and 32,768 for the IDT72V271LA.
2. For FWFT mode: D = maximum FIFO depth. D = 16,385 for the IDT72V261LA and 32,769 for the IDT72V271LA.
NOTES:
1. n = PAE offset.
2. For IDT Standard mode.
3. For FWFT mode.
4. tSKEW2 is the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that PAE will go HIGH (after one RCLK cycle plus tPAE). If the time between
the rising edge of WCLK and the rising edge of RCLK is less than tSKEW2, then the PAE deassertion may be delayed one extra RCLK cycle.
5. PAE is asserted and updated on the rising edge of WCLK only.
NOTES:
1. m = PAF offset.
2. D = maximum FIFO depth.
In IDT Standard mode: D = 16,384 for the IDT72V261LA and 32,768 for the IDT72V271LA.
In FWFT mode: D = 16,385 for the IDT72V261LA and 32,769 for the IDT72V271LA.
3. tSKEW2 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that PAF will go HIGH (after one WCLK cycle plus tPAF). If the time between
the rising edge of RCLK and the rising edge of WCLK is less than tSKEW2, then the PAF deassertion time may be delayed one extra WCLK cycle.
4. PAF is asserted and updated on the rising edge of WCLK only.


Similar Part No. - 72V261LA15TFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V261LA RENESAS-72V261LA Datasheet
395Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 32,768 x 9
FEBRUARY 2018
More results

Similar Description - 72V261LA15TFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com