Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V261LA Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V261LA
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V261LA Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V261LA_14 Datasheet HTML 1Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 2Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 3Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 4Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 5Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 6Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 7Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 8Page - Integrated Device Technology IDT72V261LA_14 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
4
Symbol
Name
I/O
Description
D0–D8
Data Inputs
I
Data inputs for a 9-bit bus.
MRS
Master Reset
I
MRS
initializes the read and write pointers to zero and sets the output register to all zeroes.
During Master Reset, the FIFO is configured for either FWFT or IDT Standard mode, one of
two programmable flag default settings, and serial or parallel programming of the offset settings.
PRS
Partial Reset
I
PRS
initializes the read and write pointers to zero and sets the output register to all zeroes.
During Partial Reset, the existing mode (IDT or FWFT), programming method (serial or parallel),
and programmable flag settings are all retained.
RT
Retransmit
I
RT
asserted on the rising edge of RCLK initializes the READ pointer to zero, sets the EF flag to
LOW (OR to HIGH in FWFT mode) temporarily and does not disturb the write pointer, programming
method, existing timing mode or programmable flag settings. RT is useful to reread data from the first
physical location of the FIFO.
FWFT/SI
First Word Fall
I
During Master Reset, selects First Word Fall Through or IDT Standard mode. After Master Reset,
Through/Serial In
this pin functions as a serial input for loading offset registers
WCLK
Write Clock
I
When enabled by WEN, the rising edge of WCLK writes data into the FIFO and offsets into the
programmable registers for parallel programming, and when enabled by SEN, the rising edge of
WCLK writes one bit of data into the programmable register for serial programming.
WEN
Write Enable
I
WEN
enables WCLK for writing data into the FIFO memory and offset registers.
RCLK
Read Clock
I
When enabled by REN, the rising edge of RCLK reads data from the FIFO memory and offsets
from the programmable registers.
REN
Read Enable
I
REN
enables RCLK for reading data from the FIFO memory and offset registers.
OE
Output Enable
I
OE
controls the output impedance of Qn.
SEN
Serial Enable
I
SEN
enables serial loading of programmable flag offsets.
LD
Load
I
During Master Reset, LD selects one of two partial flag default offsets (127 or 1,023) and determines
the flag offset programming method, serial or parallel. After Master Reset, this pin enables writing to
and reading from the offset registers.
DC
Don't Care
I
This pin must be tied to either VCC or GND and must not toggle after Master Reset.
FF
/IR
Full Flag/
O
In the IDT Standard mode, the FF function is selected. FF indicates whether or not the FIFO
Input Ready
memory is full. In the FWFT mode, the IR function is selected. IR indicates whether or not there
is space available for writing to the FIFO memory.
EF
/OR
Empty Flag/
O
In the IDT Standard mode, the EF function is selected. EF indicates whether or not the FIFO
Output Ready
memory is empty. In FWFT mode, the OR function is selected. OR indicates whether or not
there is valid data available at the outputs.
PAF
Programmable
O
PAF
goes LOW if the number of words in the FIFO memory is more than total word capacity of
Almost-Full Flag
the FIFO minus the full offset value m, which is stored in the Full Offset register. There are two
possible default values for m: 127 or 1,023.
PAE
Programmable
O
PAE
goes LOW if the number of words in the FIFO memory is less than offset n, which is stored
Almost-Empty Flag
in the Empty Offset register. There are two possible default values for n: 127 or 1,023. Other values
for n can be programmed into the device.
HF
Half-Full Flag
O
HF
indicates whether the FIFO memory is more or less than half-full.
Q0–Q8
Data Outputs
O
Data outputs for a 9-bus
VCC
Power
+3.3 Volt power supply pins.
GND
Ground
Ground pins.
PIN DESCRIPTION


Similar Part No. - IDT72V261LA_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V261LA10PF IDT-IDT72V261LA10PF Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA10PFI IDT-IDT72V261LA10PFI Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA10TF IDT-IDT72V261LA10TF Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA10TFI IDT-IDT72V261LA10TFI Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA15PF IDT-IDT72V261LA15PF Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V261LA_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com