Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V2113 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT72V2113
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2113 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT72V2113 Datasheet HTML 7Page - Integrated Device Technology IDT72V2113 Datasheet HTML 8Page - Integrated Device Technology IDT72V2113 Datasheet HTML 9Page - Integrated Device Technology IDT72V2113 Datasheet HTML 10Page - Integrated Device Technology IDT72V2113 Datasheet HTML 11Page - Integrated Device Technology IDT72V2113 Datasheet HTML 12Page - Integrated Device Technology IDT72V2113 Datasheet HTML 13Page - Integrated Device Technology IDT72V2113 Datasheet HTML 14Page - Integrated Device Technology IDT72V2113 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
11
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns(1)
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load for tCLK = 10ns, 15 ns
See Figure 2a
Output Load for tCLK = 6ns, 7.5ns
See Figure 2b & 2c
AC TEST CONDITIONS
Figure 2b. AC Test Load
6119 drw04a
50
Ω
1.5V
I/O
Z0 = 50
Ω
6119 drw04b
6
5
4
3
2
1
20 30 50
80 100
200
Capacitance (pF)
Figure 2c. Lumped Capacitive Load, Typical Derating
ACTESTLOADS-6ns,7.5nsSpeedGrades
6119 drw04
330
Ω
30pF*
510
Ω
3.3V
D.U.T.
Figure 2a. Output Load
* Includes jig and scope capacitances.
NOTE:
1. For 166MHz and 133MHz operation input rise/fall times are 1.5ns.
ACTESTLOADS-10ns,15nsSpeedGrades
VIH
OE
VIL
tOE & tOLZ
VCC
2
VCC
2
100mV
100mV
tOHZ
100mV
100mV
Output
Normally
LOW
Output
Normally
HIGH
VOL
VOH
VCC
2
VCC
2
6119 drw04c
Output
Enable
Output
Disable
OUTPUT ENABLE & DISABLE TIMING
NOTE:
1. REN is HIGH.


Similar Part No. - IDT72V2113

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2113 IDT-IDT72V2113 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2113 IDT-IDT72V2113 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V2113 RENESAS-IDT72V2113 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V2113L10BC IDT-IDT72V2113L10BC Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2113L10BCI IDT-IDT72V2113L10BCI Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results

Similar Description - IDT72V2113

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com