Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V275 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72V275
Description  3.3 VOLT CMOS SuperSync FIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V275 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72V275_14 Datasheet HTML 1Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 2Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 3Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 4Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 5Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 6Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 7Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 8Page - Integrated Device Technology IDT72V275_14 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V275/72V285 3.3V CMOS SUPERSYNC FIFOTM
32,768 x 18 and 65,536 x 18
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +4.6
V
with respect to GND
TSTG
Storage
–55to+125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
NOTES:
1. With output deselected, (OE ≥≥≥≥≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0oC to +70oC; Industrial: VCC = 3.3V
± 0.3V, TA = -40°C to +85°C)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage(Com’l & Ind’l)
3.0
3.3
3.6
V
GND
Supply Voltage(Com’l & Ind’l)
0
0
0
V
VIH
InputHighVoltage
(Com’l & Ind’l)
2.0
VCC + 0.5
V
VIL(1)
InputLowVoltage
(Com’l & Ind’l)
0.8
V
TA
OperatingTemperature
0
70
o
C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V275L
IDT72V285L
Com’’l & Ind’l (1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
60
mA
ICC2(4,7)
StandbyCurrent
20
mA
NOTES
:
1. Industrial temperature range product for the 15ns is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 11 + 1.65*fS + 0.02*CL*fS (in mA) with VCC = 3.3V, tA = 25oC, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL
= capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
CAPACITANCE (TA=+25oC,f=1.0MHz)


Similar Part No. - IDT72V275_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V275L10PF IDT-IDT72V275L10PF Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275L10PFI IDT-IDT72V275L10PFI Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275L10TF IDT-IDT72V275L10TF Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275L10TFI IDT-IDT72V275L10TFI Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275L15PF IDT-IDT72V275L15PF Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V275_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com