Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH551-1 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # SFH551-1
Description  Sensitive in visible and near IR range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SFH551-1 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  SFH551-1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SFH551-1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SFH551-1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SFH551-1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED SFH551-1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
0
50
100
150
200
250
-28-26
-24-22
-20-18
-16-14
-12-10
-8
-6
Optical Input Power in dBm (mean value)
Propagation Delay
tPHL -40°C
tPHL 25°C
tPHL 85°C
-20
0
20
40
60
80
100
120
140
160
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
Optical Input Power in dBm (mean value)
Pulse Width Distortion
PWDat -40°C
PWDat 25°C
PWDat 85°C
tPLH -40°C
tPLH 25°C
tPLH 85°C
Figure 3. Typical Propagation delay, measured with Pattern “1010” at 5 MBd
Figure 4. Typical Pulse Width Distortion, measured with Pattern “1010” at 5 MBd
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved. Obsoletes AV01-0713EN
AV02-3033EN - October 25, 2011


Similar Part No. - SFH551-1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH551-1 INFINEON-SFH551-1 Datasheet
173Kb / 6P
   Integrated Photo Detector Receiver for Plastic Fiber Plastic Connector Housing
2004-03-19
SFH551-1V INFINEON-SFH551-1V Datasheet
173Kb / 6P
   Integrated Photo Detector Receiver for Plastic Fiber Plastic Connector Housing
2004-03-19
More results

Similar Description - SFH551-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VTT7222H ETC2-VTT7222H Datasheet
275Kb / 3P
   Low-cost visible and near-IR photodetection
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251 Datasheet
75Kb / 2P
   Si APD High sensitivity in near IR range
logo
API Delevan
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
   Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
   Visible to IR spectral irradiance range
logo
3M Electronics
IR900 3M-IR900 Datasheet
26Kb / 1P
   Reflects near IR heat with minimal reduction of visible light transmission
logo
Hamamatsu Corporation
S9251 HAMAMATSU-S9251_15 Datasheet
492Kb / 4P
   High sensitivity in near infrared range
S1223 HAMAMATSU-S1223 Datasheet
190Kb / 2P
   For visible IR precision photometry
S12028_KPIN1083E01 HAMAMATSU-S12028_KPIN1083E01 Datasheet
575Kb / 3P
   Enhanced near IR sensitivity, using a MEMS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com