Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HB71 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HB71
Description  Green and Blue 5mm Standard Oval LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HB71 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HB71 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HB71 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Avago Technologies
- 3 -
HLMP-HM70/HM71, HLMP-HB70/HB71
Data Sheet
Absolute Maximum Ratings
Absolute Maximum Ratings
TA = 25 °C
Electrical/Optical Characteristics
TA = 25 °C
Parameter
Blue and Green
Unit
DC Forward Currenta
a.
Derate linearly as shown in Figure 4.
30
mA
Peak Forward Current
100b
b.
Duty Factor 10%, frequency 1 KHz.
mA
Power Dissipation
110
mW
LED Junction Temperature
110
°C
Operating Temperature Range
–40 to +85
°C
Storage Temperature Range
–40 to +100
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Forward Voltage
Green and Blue
VF
2.8
3.1
3.6
V
IF = 20 mA
Reverse Voltagea
Green and Blue
a.
Indicates product final testing condition; long-term reverse bias is not recommended.
VR
5V
IR = 10 μA
Dominant Wavelengthb
Green
Blue
b.
The dominant wavelength is derived from the chromaticity diagram and represents the color of the lamp.
d
520
460
525
470
540
480
nm
nm
IF = 20 mA
Peak Wavelength
Green
Blue
PEAK
517
461
nm
nm
Peak of Wavelength of Spectral Distribution at
IF =20mA
Thermal Resistance
R
J-PIN
240
°C/W
LED Junction-to-Cathode Lead
Luminous Efficacyc
Green
Blue
c.
The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the luminous
efficacy in lumens/watt.
ηV
475
68
Im/W
Emitted Luminous Flux/Electrical Power


Similar Part No. - HLMP-HB71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB74 AVAGO-HLMP-HB74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-HB75 AVAGO-HLMP-HB75 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
More results

Similar Description - HLMP-HB71

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG62-Y10DD AVAGO-HLMP-AG62-Y10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG71 AVAGO-HLMP-LG71 Datasheet
292Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-LG75 AVAGO-HLMP-LG75 Datasheet
271Kb / 11P
   Red, Green and Blue 4 mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com