Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C291A-20SC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C291A-20SC
Description  2K x 8 Reprogrammable PROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C291A-20SC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C291A-20SC Datasheet HTML 1Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 2Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 3Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 4Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 5Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 6Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 7Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 8Page - Cypress Semiconductor CY7C291A-20SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY7C291A
CY7C292A/CY7C293A
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
......................................−65°C to+150°C
Ambient Temperature with
Power Applied
...................................................−55°C to+125°C
Supply Voltage to Ground Potential
..................−0.5V to+7.0V
DC Voltage Applied to Outputs
in High Z State
......................................................−0.5V to+7.0V
DC Input Voltage
.................................................−3.0V to +7.0V
DC Program Voltage .....................................................13.0V
UV Exposure.................................................7258 Wsec/cm2
Static Discharge Voltage............................................>2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
7C291A-20
7C292A-20
7C293A-20
7C291A-25
7C292A-25
7C293A-25
7C291AL-25
7C292AL-25
7C293AL-25
7C291A-35
7C292A-35
7C293A-35
7C291AL-35
7C292AL-35
7C293AL-35
7C291A-50
7C292A-50
7C293A-50
7C291AL-50
7C292AL-50
7C293AL-50
Maximum Access Time (ns)
20
25
35
50
Maximum Operating
Current (mA)
Standard
Commercial
120
90
90
90
Military
120
90
90
L
Commercial
60
60
60
Standby Current (mA)
7C293A Only
Commercial
40
30
30
30
Military
40
40
40
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to + 70°C
5V
±10%
Industrial[1]
−40
°C to + 85°C
5V
±10%
Military[2]
−55
°C to + 125°C
5V
±10%
Notes:
1.
Contact a Cypress representative for industrial temperature range spec-
ifications.
2.
TA is the “instant on” case temperature.


Similar Part No. - CY7C291A-20SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A-20JC CYPRESS-CY7C291A-20JC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-20PC CYPRESS-CY7C291A-20PC Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A-20PC CYPRESS-CY7C291A-20PC Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
More results

Similar Description - CY7C291A-20SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
   2K x 8 CMOS PROM
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
   2K x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com