Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

865250453009 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865250453009
Description  WCAP-ASNP Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

865250453009 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  865250453009 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 865250453009 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ASNP Aluminum Electrolytic
Capacitors
Order.- No.
865250453009
SIZE
A4
Size: 8.0 x 10.5
Component Marking:
Print
1st Line
2nd Line
3rd Line
Description
Capacitance value: 100 µF
Rated Voltage: 25
WCAP-ASNP & datecode: YWW
D2 Multiplier for Ripple Current vs. Frequency:
Frequency [Hz]
Multiplier
60 (50)
0.80
120
1.00
500
1.20
1000
1.30
≥ 100000
1.50
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 865250453009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865250440001 WURTH-865250440001 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250440002 WURTH-865250440002 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250442003 WURTH-865250442003 Datasheet
696Kb / 9P
   WCAP-ASNP Aluminum Electrolytic Capacitors
002.000
865250443004 WURTH-865250443004 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250445005 WURTH-865250445005 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
More results

Similar Description - 865250453009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865250145005 WURTH-865250145005 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250445005 WURTH-865250445005 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250543005 WURTH-865250543005 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250249006 WURTH-865250249006 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250445007 WURTH-865250445007 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250143004 WURTH-865250143004 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250153007 WURTH-865250153007 Datasheet
696Kb / 9P
   WCAP-ASNP Aluminum Electrolytic Capacitors
002.000
865250353008 WURTH-865250353008 Datasheet
696Kb / 9P
   WCAP-ASNP Aluminum Electrolytic Capacitors
002.000
865250653010 WURTH-865250653010 Datasheet
696Kb / 9P
   WCAP-ASNP Aluminum Electrolytic Capacitors
002.000
865250340003 WURTH-865250340003 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
865250440001 WURTH-865250440001 Datasheet
1Mb / 8P
   WCAP-ASNP Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com