Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-053L Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-053L
Description  Low power consumption
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-053L Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-053L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-053L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
These diode-transistor optocouplers use an insulating
layer between a LED and an integrated photodetector
to provide electrical insulation between input and out-
put. Separate connections for the photodiode bias and
output-transistor collector increase the speed up to a
hundred times that of a conventional photo-transistor
coupler by reducing the base-collector capacitance.
These optocouplers are available in an 8-pin DIP and in
an industry standard SO-8 package. The following is a
cross reference table listing the 8-pin DIP part number
and the electrically equivalent SO-8 part number.
The SO-8 does not require "through holes" in a PCB. This
package occupies approximately one-third the foot-
print area of the standard dual-in-line package. The lead
profile is designed to be compatible with standard sur-
face mount processes.
These optocouplers can be used in LVTTL/LVCMOS or
wide bandwidth analog applications.
The common mode transient immunity of 1000 V/µs
minimum to typical at VCM = 10 V guaranteed for these
optocouplers.
Features
• 3.3V/5V Dual Supply Voltages
• Low power consumption
• High speed: 1 Mb/s
• LVTTL/LVCMOS compatible
• Available in 8-pin DIP, SO-8
• Open collector output
• Guaranteed performance from temperature:
0˚C to +70˚C
• Safety approval, UL, CSA, IEC/EN/DIN EN 60747-5-2
Applications
• High voltage insulation
• Video signal isolation
• Power translator isolation in motor drives
• Line receivers
• Feedback element in switched mode power supplies
• High speed logic ground isolation – LVTTL/LVCMOS
• Replaces pulse transformers
• Replaces slow phototransistor isolators
Functional Diagram
A 0.1 µF bypass capacitor must be connected between pins 5 and 8.
HCPL-250L Functional Diagram
7
1
2
3
4
5
6
8
ANODE 1
CATHODE 1
CATHODE 2
ANODE 2
VCC
VO1
VO2
GND
HCPL–253L/HCPL–053L
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VB
VO
GND
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
VO
LOW
HIGH
HCPL–250L/HCPL–050L
HCPL-250L/050L/253L/053L
LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
Data Sheet
8-Pin DIP
SO-8 Package
HCPL-250L
HCPL-050L
HCPL-253L
HCPL-053L
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.


Similar Part No. - HCPL-053L

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-053L HP-HCPL-053L Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-053L-000E AVAGO-HCPL-053L-000E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
Agilent(Hewlett-Packard...
HCPL-053L-060 HP-HCPL-053L-060 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
HCPL-053L-500 HP-HCPL-053L-500 Datasheet
87Kb / 11P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-053L-500E AVAGO-HCPL-053L-500E Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results

Similar Description - HCPL-053L

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
XLUY11D SUNLED-XLUY11D Datasheet
234Kb / 3P
   Low power consumption
XSMDKVG47M SUNLED-XSMDKVG47M Datasheet
252Kb / 3P
   Low power consumption
logo
OmniVision Technologies...
OVM6946 OMNIVISION-OVM6946 Datasheet
612Kb / 2P
   low power consumption
logo
Taoglas antenna solutio...
AP.25M.07.0080A TAOGLAS-AP.25M.07.0080A Datasheet
1Mb / 14P
   low power consumption
logo
SunLED Corporation
XDMYK14C SUNLED-XDMYK14C Datasheet
300Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com