Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-301C Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-301C
Description  Compact Solid-State Bi-directional Signal Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-301C Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-301C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASSR-301C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-0452EN - March 19, 2012
Switching Specifications (AC)
Over recommended operating TA = -40°C to 85°C, unless otherwise specified.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
Turn On Time
TON
0.07
0.2
ms
IF =5mA, IO=50mA, TA=25
C
0.5
ms
IF =5mA, IO=50mA
0.15
0.5
ms
IF =2mA, IO=50mA, TA=25
C
0.8
ms
IF =2mA, IO=50mA
Turn Off Time
TOFF
0.07
0.2
ms
IF =5mA, IO=50mA, TA=25
C
0.5
ms
IF =5mA, IO=50mA
0.07
0.2
ms
IF =2mA, IO=50mA, TA=25
C
0.5
ms
IF =2mA, IO=50mA
Output Transient
Rejection
dVO/dt
1
7
kV/
s
VO=250V, TA=25C
Input-Output
Transient Rejection
dVI-O/dt
1
10
kV/
s
VI-O=1000V, TA=25C
Notes:
1. For qualified device performance over temperature range, it is recommended to operate at IF =5mA.
2. Device is considered as a two terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together.
3. The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if applicable), your
equipment level safety specification, or Avago Technologies Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”
4. The PCB design and environmental conditions are taken into consideration when measuring the IO(OFF) performance.
5. During the pulsed R(ON) measurement ( IO duration
30ms), ambient (TA) and case temperature (TC) are equal.


Similar Part No. - ASSR-301C

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASSR-301C BOARDCOM-ASSR-301C Datasheet
110Kb / 7P
   Low C x R, Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-301C-003E AVAGO-ASSR-301C-003E Datasheet
110Kb / 7P
   Low C x R, Form A, Solid State Relay (Photo MOSFET) (250V/50??15pF)
More results

Similar Description - ASSR-301C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1510 AVAGO-ASSR-1510 Datasheet
197Kb / 15P
   Compact Solid-State Bi-directional Signal Switch
ASSR-322R AVAGO-ASSR-322R Datasheet
124Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Teledyne Technologies I...
C47F-10 TELEDYNE-C47F-10 Datasheet
266Kb / 2P
   Bi-Directional AC/DC Solid State Relay
logo
Littelfuse
LX803DE LITTELFUSE-LX803DE Datasheet
257Kb / 8P
   New 0.8 Amp bi-directional solid state switch series offering direct
L0103DE LITTELFUSE-L0103DE Datasheet
271Kb / 8P
   New 1 Amp bi-directional solid state switch series offering direct interface
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com