Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMD-7612 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7612
Description  High power rating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7612 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7612 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 22. Recommended solder mask
Figure 25. Solder stencil overlaid on ACMD-7612 bottom metal pattern
Figure 24. Recommended solder stencil
Figure 23. ACMD-7612 superposed on solder mask
2.90
2.40
> 0.30 TYP.
> 0.30 TYP.
0.24
0.63
0.63
0.24
Note:
Dimensions in mm.
A
C
B
A
A
B
2.80
2.30
STENCIL
BOUNDARY
0.15
0.15
STENCIL OPENING ID QTY
WIDTH (mm)
LENGTH (mm)
C
1
0.77
1.24
B
2
0.50
1.24
A (I/O pad areas)
3
0.43
0.43
Notes:
1. Chamfer or radius all corners 0.05 mm min.
2. Stencil openings aligned to Boundary rectangle or center lines.


Similar Part No. - ACMD-7612

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7612 BOARDCOM-ACMD-7612 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612-BLK AVAGO-ACMD-7612-BLK Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7612-BLK BOARDCOM-ACMD-7612-BLK Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612-TR1 AVAGO-ACMD-7612-TR1 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7612-TR1 BOARDCOM-ACMD-7612-TR1 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
More results

Similar Description - ACMD-7612

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7617 AVAGO-ACMD-7617 Datasheet
488Kb / 14P
   High Power Rating
logo
WALSIN TECHNOLOGY CORPO...
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
   High power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
   High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
   High power rating and compact size
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
   High power rating and compact size
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
Willow Technologies Ltd
FHR2-120120 WILLOW-FHR2-120120 Datasheet
739Kb / 3P
   High Stability Power Rating from to 1000A
logo
Littelfuse
0242.100UA1 LITTELFUSE-0242.100UA1 Datasheet
78Kb / 1P
   High interrupting rating
logo
Bourns Electronic Solut...
MOV-20D820K BOURNS-MOV-20D820K Datasheet
689Kb / 4P
   High voltage rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com