Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACMD-7612 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7612
Description  High power rating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7612 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7612 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACMD-7612 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Figure 20. PCB layout
A PCB layout implementing design principles similar to
those illustrated in Figure 16 is recommended to optimize
performance of the ACMD-7612.
It is particularly important to maximize isolation between
the Tx connection to the duplexer and the Rx port. High
isolation is achieved by (1) maintaining a continuous
ground plane around the duplexer mounting area,
(2) surrounding the I/O ports with sufficient ground
vias to enclose the connections in a “Faraday cage”, and
(3) preferably routing the Tx trace in a different metal
layer than the Rx.
The latter is especially useful, not only to maintain Tx-
Rx isolation of the duplexer, but also to prevent leakage
of the Tx signal into other components that could
result in the creation of intermodulation products and
degradation of overall system performance.
Figure 21. ACMD-7612 superposed on PCB layout
Ant
R x
Tx
2.27
1.78
G
W
Ø 0.20 VIA ARRAY
HORIZ PITCH = 0.33
VERT PITCH = 0.38
Ø 0.20 VIA ARRAY
HORIZ PITCH = 0.38
Notes:
1. Dimensions in mm.
2. Transmission line Gap (G) and Width (W) adjusted for Zo = 50 ohms.
3. I/O Pads (3 ea) 0.53 x 0.53, corner chamfer 0.30.
4. I/O Pad to Ground plane gap = 0.34, corner chamfer 0.30.
5. Ground vias positioned to maximize port-to-port isolation.
VERT PITCH = 0.33
Ø 0.20 VIA ARRAY
HORIZ PITCH = 0.38
Ø 0.20 VIA ARRAY
HORIZ PITCH = 0.33
VERT PITCH = 0.38
0.10
0.10


Similar Part No. - ACMD-7612

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACMD-7612 BOARDCOM-ACMD-7612 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612-BLK AVAGO-ACMD-7612-BLK Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7612-BLK BOARDCOM-ACMD-7612-BLK Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7612-TR1 AVAGO-ACMD-7612-TR1 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7612-TR1 BOARDCOM-ACMD-7612-TR1 Datasheet
748Kb / 12P
   Miniature UMTS Band I Duplexer
More results

Similar Description - ACMD-7612

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7617 AVAGO-ACMD-7617 Datasheet
488Kb / 14P
   High Power Rating
logo
WALSIN TECHNOLOGY CORPO...
WF25H WALSIN-WF25H Datasheet
186Kb / 7P
   High power rating and compact size
WK25S WALSIN-WK25S Datasheet
263Kb / 7P
   High power rating and compact size
MR18X WALSIN-MR18X Datasheet
418Kb / 7P
   High power rating and compact size
WK12L WALSIN-WK12L Datasheet
478Kb / 8P
   High power rating and compact size
WF25P WALSIN-WF25P Datasheet
620Kb / 9P
   High power rating and compact size
WF25A WALSIN-WF25A Datasheet
388Kb / 7P
   Ultra high power rating and compact size
logo
Willow Technologies Ltd
FHR2-120120 WILLOW-FHR2-120120 Datasheet
739Kb / 3P
   High Stability Power Rating from to 1000A
logo
Littelfuse
0242.100UA1 LITTELFUSE-0242.100UA1 Datasheet
78Kb / 1P
   High interrupting rating
logo
Bourns Electronic Solut...
MOV-20D820K BOURNS-MOV-20D820K Datasheet
689Kb / 4P
   High voltage rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com