Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS6S0965RC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FS6S0965RC
Description  Fairchild Power Switch(SPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FS6S0965RC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FS6S0965RC Datasheet HTML 1Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 2Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 3Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 4Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 5Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 6Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 7Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 8Page - Fairchild Semiconductor FS6S0965RC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FS6S0965RC
4
Electrical Characteristics
(Ta=25
°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ. Max. Unit
UVLO SECTION
Start threshold voltage
VSTART
VFB=GND
14
15
16
V
Stop threshold voltage
VSTOP
VFB=GND
8
9
10
V
SENSEFET SECTION
Drain to PKG Breakdown voltage
BVpkg
60HZ AC, Ta=25°C
3500
-
-
V
Drain to Source Breakdown voltage
BVdss
Vdrain = 650V, Ta=25°C
650
-
-
V
Drain to Source Leakage current
Idss
Vdrain = 650V, Ta=25°C
-
-
300
uA
OSCILLATOR SECTION
Initial Frequency
FOSC
-
222528
kHz
Voltage Stability
FSTABLE 12V
≤ Vcc ≤ 23V
0
1
3
%
Temperature Stability (note4)
∆FOSC
-25
°C ≤ Ta ≤ 85°C0
±5±10
%
Maximum duty cycle
DMAX
-
92
95
98
%
Minimum Duty Cycle
DMIN
-
-
-
0
%
FEEDBACK SECTION
Feedback source current
IFB
VFB=GND
0.7
0.9
1.1
mA
Shutdown Feedback voltage
VSD
Vfb
≥ 6.9V
6.9
7.5
8.1
V
Shutdown delay current
Idelay
VFB=5V
1.6
2.0
2.4
µA
PROTECTION SECTION
Over Voltage Protection
VOVP
Vsync
≥ 11V
27
30
33
V
Over Current Latch Voltage (Note2)
VOCL
-
0.9
1.0
1.1
V
Thermal Shutdown Temp.(Note4)
TSD
-
140
160
-
°C


Similar Part No. - FS6S0965RC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
FS6S0965RCBTU FAIRCHILD-FS6S0965RCBTU Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
FS6S0965RCBYDTU FAIRCHILD-FS6S0965RCBYDTU Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
More results

Similar Description - FS6S0965RC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5M0765RQC FAIRCHILD-KA5M0765RQC Datasheet
755Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0680B FAIRCHILD-KA2S0680B Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
KA1L0380B FAIRCHILD-KA1L0380B Datasheet
75Kb / 12P
   Fairchild Power Switch(SPS)
KA2S0880B FAIRCHILD-KA2S0880B Datasheet
85Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0765R FAIRCHILD-KA3S0765R Datasheet
120Kb / 14P
   Fairchild Power Switch(SPS)
KA2S1265 FAIRCHILD-KA2S1265 Datasheet
86Kb / 12P
   Fairchild Power Switch(SPS)
KA3S0880RB FAIRCHILD-KA3S0880RB Datasheet
100Kb / 14P
   Fairchild Power Switch(SPS)
KA5M0965Q FAIRCHILD-KA5M0965Q Datasheet
636Kb / 14P
   Fairchild Power Switch(SPS)
KA2S0965 FAIRCHILD-KA2S0965 Datasheet
89Kb / 12P
   Fairchild Power Switch(SPS)
FS6S0965R FAIRCHILD-FS6S0965R Datasheet
193Kb / 16P
   Power Switch(SPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com