Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDS-15118B-L1003 Datasheet(PDF) 1 Page - CUI INC

Part # CDS-15118B-L1003
Description  SPEAKER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDS-15118B-L1003 Datasheet(HTML) 1 Page - CUI INC

  CDS-15118B-L1003 Datasheet HTML 1Page - CUI INC CDS-15118B-L1003 Datasheet HTML 2Page - CUI INC CDS-15118B-L1003 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 07/15/2016
page 1 of 3
cui.com
SERIES: CDS-15118B-L100
│ DESCRIPTION: SPEAKER
FEATURES
• micro-speaker
• small footprint
• 8 ohm impedance
• wire leads
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
maximum power: IEC-60268-5, filter 60s on/120s
off, 10 cycles at room temp, in 1 cc closed box
0.7
1.0
W
impedance
at 2.5 kHz, 1.0 V
6.8
8
9.2
resonant frequency (Fo)
400
500
600
Hz
frequency response
output SPL ±10 dB
Fo
20,000
Hz
sound pressure level
at 0.5 W, 0.1 m ave, at 0.8, 1.0, 1.2, 1.5 kHz
83
86
89
dB
distortion
at 1.0 kHz, 0.7 W
10
%
buzz, rattle, etc.
must be normal at sine wave between
Fo ~ 20 kHz, in 1 cc closed box
2.37
V
polarity
cone will move forward with positive dc current to
“+” terminal
dimensions
15 x 11 x 3
mm
magnet
Nd-Fe-B
material
PPA
cone material
mylar
terminal
wire leads
weight
1.7
g
operating temperature
-20
60
°C
storage temperature
-40
85
°C
RoHS
2011/65/EU
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
PART NUMBER KEY
Base Number
CDS-15118B-L100 X
Termination Style:
“blank” = wire leads, no connector
1 = JST housing SHR-2V-S-B
2 = JST housing ZHR-2
3 = JST housing PHR-2
4 = JST housing HER-2
5 = JST housing PHR-4
6 = Molex housing 51021-0200
For more information, please visit the product page.


Similar Part No. - CDS-15118B-L1003

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDS-15118B CUI-CDS-15118B Datasheet
377Kb / 3P
   SPEAKER
More results

Similar Description - CDS-15118B-L1003

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
   Loud Speaker & Notebook Speaker
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
   Speaker
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
   Speaker
AS03608MR-4-R PUI-AS03608MR-4-R Datasheet
284Kb / 1P
   Speaker
AS04008PO-2-R PUI-AS04008PO-2-R Datasheet
283Kb / 1P
   Speaker
AS04008PO-R PUI-AS04008PO-R Datasheet
256Kb / 1P
   Speaker
AS04008PS-2-R PUI-AS04008PS-2-R Datasheet
311Kb / 1P
   Speaker
AS04008PS-4W-WR-R PUI-AS04008PS-4W-WR-R Datasheet
300Kb / 1P
   Speaker
AS07108PO-R PUI-AS07108PO-R Datasheet
330Kb / 1P
   Speaker
AS09008PO-2-R PUI-AS09008PO-2-R Datasheet
313Kb / 1P
   Speaker
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
   Speaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com