Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U006-2-040X Datasheet(PDF) 1 Page - Ensign Corporation

Part # U006-2-040X
Description  NAVIGATOR CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

U006-2-040X Datasheet(HTML) 1 Page - Ensign Corporation

  U006-2-040X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
NAVIGATOR CLASS
U006-2-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115/230V
Series Connection
Parallel Connection
U006-2-010X
10VCT @ 600mA
5V @ 1200mA
U006-2-012X
12.6VCT @ 450mA
6.3V @ 900mA
U006-2-016X
16VCT @ 350mA
8V @ 700mA
U006-2-020X
20VCT @ 300mA
10V @ 600mA
U006-2-024X
24VCT @ 250mA
12V @ 500mA
U006-2-030X
30VCT @ 200mA
15V @ 400mA
U006-2-034X
34VCT @ 170mA
17V @ 340mA
U006-2-040X
40VCT @ 150mA
24V @ 300mA
U006-2-056X
56VCT @ 100mA
28V @ 200mA
U006-2-088X
88VCT @ 65mA
44V @ 130mA
U006-2-120X
120VCT @ 50mA
60V @ 100mA
U006-2-230X
230VCT @ 25mA
115V @ 50mA
NAVIGATOR CLASS - PRINTED CIRCUIT MOUNT, LOW PROFILE POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 6VA
B. Input Voltage and Frequency: 115/230V, 50/60Hz
C. Voltage Regulation: 21% TYP @ full load to no load
D. Temperature Rise: 30 C TYP
E. Insulation Resistance: < 1MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
country, terminal number
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Dual Input (Specify
115/230V or 120/240V)
Dual Output


Similar Part No. - U006-2-040X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U002-006-IB ETC2-U002-006-IB Datasheet
453Kb / 1P
   USB / FireWire 짰 - USB 1.1 Cable (iMac Blue)
logo
Ensign Corporation
U002-2-010X ENSIGN-U002-2-010X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-012X ENSIGN-U002-2-012X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-016X ENSIGN-U002-2-016X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-020X ENSIGN-U002-2-020X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
More results

Similar Description - U006-2-040X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
U012-2-010X ENSIGN-U012-2-010X Datasheet
259Kb / 1P
   NAVIGATOR CLASS
U048-2-010X ENSIGN-U048-2-010X Datasheet
277Kb / 1P
   NAVIGATOR CLASS
U024-2-010X ENSIGN-U024-2-010X Datasheet
259Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-010X ENSIGN-U002-2-010X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
logo
List of Unclassifed Man...
MC2500 ETC1-MC2500 Datasheet
1Mb / 52P
   Navigator Motion Processor
MC2300 ETC-MC2300 Datasheet
1Mb / 59P
   Navigator Motion Processor
MC2400 ETC1-MC2400 Datasheet
1Mb / 59P
   Navigator Motion Processor
logo
Ensign Corporation
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
P001 ENSIGN-P001 Datasheet
299Kb / 1P
   Captain Class
L006 ENSIGN-L006 Datasheet
638Kb / 4P
   Commander Class
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com