Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK10EL07U Datasheet(PDF) 3 Page - Semtech Corporation

Part # SK10EL07U
Description  2-Input XOR/XNOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10EL07U Datasheet(HTML) 3 Page - Semtech Corporation

  SK10EL07U Datasheet HTML 1Page - Semtech Corporation SK10EL07U Datasheet HTML 2Page - Semtech Corporation SK10EL07U Datasheet HTML 3Page - Semtech Corporation SK10EL07U Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.semtech.com
SK10/100EL07
Revision 1/February 12, 2001
HIGH-PER.ORMANCE PRODUCTS
DC Characteristics
SK10/100EL07 DC Electrical Characteristics (Notes 1, 2)
l
o
b
m
y
Sc
it
s
ir
e
t
c
a
r
a
h
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mt
i
n
U
I H
I
t
n
e
r
r
u
C
H
G
I
H
t
u
p
n
I
D0
D1
0
5
2
0
5
1
0
5
2
0
5
1
0
5
2
0
5
1
0
5
2
0
5
1
A
µ
A
µ
I E
E
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
L
E
0
1
L
E
0
0
1
4
1
0
2
4
1
0
2
4
1
0
2
4
1
0
2
A
m
A
m
V C
C V
- E
E
e
g
a
tl
o
V
y
l
p
p
u
S
r
e
w
o
P2
.
45
.
52
.
45
.
52
.
45
.
52
.
45
.
5V
TA = –40oC
TA = 0oC
TA = +25oC
TA = +85oC
(VCC – VEE = 4.2V to 5.5V; VOUT Loaded 50Ω to VCC – 2.0V)
l
o
b
m
y
Sc
it
s
ir
e
t
c
a
r
a
h
Cn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mti
n
U
t H
L
P
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)f
fi
D
(
*
Q
,
Q0
6
15
9
30
6
10
8
35
6
15
7
35
6
10
7
3s
p
tr
tf
s
e
m
iT
ll
a
.
/
e
s
i
R
t
u
p
t
u
O
)
%
0
8
–
%
0
2
(
*
Q
,
Q
5
3
15
7
25
3
15
8
25
3
15
8
25
3
10
9
2s
p
Notes:
1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium
has been established. The circuit is in a test socket or mounted on a printed circuit board, and
transverse airflow than 500 lfpm is maintained. Outputs are terminated through a 50
Ω resistor to
V
CC
–2.0V.
2. 100K circuits are designed to meet the DC specification shown in the table where transverse airflow
greater than 500 lfpm is maintained.
3. For standard ECL DC specifications, refer to the ECL Logic Family Standard DC Specifications Data Sheet.
4. For part ordering description, see HPP Part Ordering Information Data Sheet.
SK10/100EL07 AC Electrical Characteristics
TA = –40oC
TA = 0oC
TA = +25oC
TA = +85oC
(VCC – VEE = 4.2V to 5.5V; VOUT Loaded 50
Ω to VCC – 2.0V)
AC Characteristics


Similar Part No. - SK10EL07U

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL01WD SEMTECH-SK10EL01WD Datasheet
108Kb / 4P
   4-input OR / NOR
More results

Similar Description - SK10EL07U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
   2-Input XOR/XNOR
1996 REV 2
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
   2-INPUT XOR/XNOR
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
   Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
ON Semiconductor
MC10EP08 ONSEMI-MC10EP08_16 Datasheet
178Kb / 10P
   ECL 2-Input Differential XOR/XNOR
August, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
Arizona Microtek, Inc
AZ10EL07 AZM-AZ10EL07 Datasheet
73Kb / 6P
   ECL/PECL 2-Input XOR/XNOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com