Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADUCM322I Datasheet(PDF) 8 Page - Analog Devices

Part # ADUCM322I
Description  general-purpose timers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322I Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUCM322I Datasheet HTML 4Page - Analog Devices ADUCM322I Datasheet HTML 5Page - Analog Devices ADUCM322I Datasheet HTML 6Page - Analog Devices ADUCM322I Datasheet HTML 7Page - Analog Devices ADUCM322I Datasheet HTML 8Page - Analog Devices ADUCM322I Datasheet HTML 9Page - Analog Devices ADUCM322I Datasheet HTML 10Page - Analog Devices ADUCM322I Datasheet HTML 11Page - Analog Devices ADUCM322I Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
ADuCM322i
Data Sheet
Rev. 0 | Page 8 of 23
TIMING SPECIFICATIONS
I2C Timing
Table 2. I2C Timing in Standard Mode (100 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCL low pulse width
4.7
μs
tH
SCL high pulse width
4.0
ns
tSHD
Start condition hold time
4.0
μs
tDSU
Data setup time
250
ns
tDHD
Data hold time (SDA held internally for 300 ns after falling edge of SCL)
0
3.45
μs
tRSU
Setup time for repeated start
4.7
μs
tPSU
Stop condition setup time
4.0
μs
tBUF
Bus-free time between a stop condition and a start condition
4.7
μs
tR
Rise time for both SLC and SDA
1
μs
tF
Fall time for both SLC and SDA
15
300
ns
tVD;DAT
Data valid time
3.45
μs
tVD;ACK
Data valid acknowledge time
3.45
μs
Table 3. I2C Timing in Fast Mode (400 kHz)
Slave
Parameter
Description
Min
Typ
Max
Unit
tL
SCL low pulse width
1.3
μs
tH
SCL high pulse width
0.6
ns
tSHD
Start condition hold time
0.3
μs
tDSU
Data setup time
100
ns
tDHD
Data hold time (SDA held internally for 300 ns after falling edge of SCL)
0
μs
tRSU
Setup time for repeated start
0.6
μs
tPSU
Stop condition setup time
0.3
μs
tBUF
Bus-free time between a stop condition and a start condition
1.3
μs
tR
Rise time for both SCL and SDA
20
300
ns
tF
Fall time for both SCL and SDA
15
300
ns
tVD;DAT
Data valid time
0.9
μs
tVD;ACK
Data valid acknowledge time
0.9
μs
Figure 2. I2C Compatible Interface Timing
SDA (I/O)
MSB
LSB
ACK
MSB
1
9
8
2–7
1
SCL (I)
PS
START
CONDITION
REPEATED
START
STOP
CONDITION
S(R)
tDSU
tH
tL
tSHD
tPSU
tDSU
tBUF
tDHD
tVD; DAT
tVD; ACK
tR
tF
tF
tR
tDHD
tRSU


Similar Part No. - ADUCM322I

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADUCM322 AD-ADUCM322 Datasheet
565Kb / 24P
   Up to 16 ADC input channels
More results

Similar Description - ADUCM322I

ManufacturerPart #DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
   General Purpose timers
19-0481; Rev 2; 11/92
Intersil Corporation
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
   General Purpose Timers
August 24, 2006
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
   General Purpose Timers
STMicroelectronics
STMicroelectronics
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
NE555 STMICROELECTRONICS-NE555_07 Datasheet
494Kb / 20P
   General purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
Panasonic Semiconductor
Panasonic Semiconductor
AN6780 PANASONIC-AN6780 Datasheet
47Kb / 4P
   General Purpose Long Interval Timers
STMicroelectronics
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
   GENERAL PURPOSE SINGLE BIPOLAR TIMERS
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
   General-purpose single bipolar timers
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com