Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3822 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3822
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3822 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3822 Datasheet HTML 4Page - National Semiconductor (TI) LM3822 Datasheet HTML 5Page - National Semiconductor (TI) LM3822 Datasheet HTML 6Page - National Semiconductor (TI) LM3822 Datasheet HTML 7Page - National Semiconductor (TI) LM3822 Datasheet HTML 8Page - National Semiconductor (TI) LM3822 Datasheet HTML 9Page - National Semiconductor (TI) LM3822 Datasheet HTML 10Page - National Semiconductor (TI) LM3822 Datasheet HTML 11Page - National Semiconductor (TI) LM3822 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PWM Output and Current
Accuracy
Offset
The PWM output is quantized to 1024 levels. Therefore, the
duty cycle can change only in increments of 1/1024.
There is a one-half (0.5) quantization cycle delay in the out-
put of the PWM circuitry. That is to say that instead of a duty
cycle of N/1024, the duty cycle actually is (N+12)/1024.
The quantization error can be corrected for if a more precise
result is desired. To correct for this error, simply subtract
1/2048 from the measured duty cycle.
The extra half cycle delay will show up as a DC offset of 12
bit if it is not corrected for. This is approximately 1.0 mA for
1.0 Amp parts, and 10 mA for 2.0 Amp parts.
Jitter
In addition to quantization, the duty cycle will contain some
jitter. The jitter is quite small (for example, the standard de-
viation of jitter is only 0.1% for the LM3822-1.0). Statistically
the jitter can cause an error in a current sample. Because the
jitter is a random variable, the mean and standard deviation
are used. The mean, or average value, of the jitter is zero.
The standard deviation (0.1%) can be used to define the
peak error caused from jitter.
The “crest factor” has often been used to define the maxi-
mum error caused by jitter. The crest factor defines a limit
within which 99.7% of the samples fall. The crest factor is de-
fined as ±0.3% error in the duty cycle.
Since the jitter is a random variable, averaging multiple out-
puts will reduce the effective jitter. Obeying statistical laws,
the jitter is reduced by the square root of the number of read-
ings that are averaged. For example, if four readings of the
duty cycle are averaged, the resulting jitter (and crest factor)
are reduced by a factor of two.
Jitter and Noise
Jitter in the PWM output appears as noise in the current
measurement. The Electrical Characteristics show noise
measured in current RMS (root mean square). Arbitrarily one
could specify PWM jitter, as opposed to noise. In either case
the effect results in a random error in an individual current
measurement.
Noise, just like jitter, can be reduced by averaging many
readings. The RMS value of the noise corresponds to one
standard deviation. The “crest factor” can be calculated in
terms of current, and is equal to ±3 sigma (RMS value of the
noise).
Noise will also be reduced by averaging multiple readings,
and follows the statistical laws of a random variable.
Accuracy versus Noise
The graph shown in
Figure 5 illustrates the typical response
of ±1 Ampere current gauges. In this graph, the horizontal
axis indicates time, and the vertical axis indicates measured
current (the PWM duty cycle has been converted to current).
The graph was generated for an actual current of 500 mA.
The difference between successive readings manifests itself
as jitter in the PWM output or noise in the current measure-
ment (when duty cycle of the PWM output is converted to
current).
The accuracy of the measurement depends on the noise in
the current waveform. The accuracy can be improved by av-
eraging several outputs. Although there is variation in suc-
cessive readings, a very accurate measurement can be ob-
tained by averaging the readings. For example, on
averaging the readings shown in this example, the average
current measurement is 502.3 mA (
Figure 5). This value is
very close to the actual value of 500 mA. Moreover, the ac-
curacy depends on the number of readings that are
averaged.
Low Current Measurements
The DC offset of the LM3822-1.0 is typically under 1 mA.
This low offset allows accurate low current measurements.
Even currents in the 10 mA range can be measured with ac-
curacies typically better than ±5%.
DS101249-26
FIGURE 5. Typical Response of LM3822
www.national.com
9


Similar Part No. - LM3822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM382 NSC-LM382 Datasheet
163Kb / 3P
   Low Noise Dual Preamplifier
LM3820 NSC-LM3820 Datasheet
118Kb / 4P
   AM RADIO SYSTEM
LM3820N NSC-LM3820N Datasheet
118Kb / 4P
   AM RADIO SYSTEM
LM3820N NSC-LM3820N Datasheet
132Kb / 6P
   AM Radio System
LM3820 NSC-LM3820_89 Datasheet
132Kb / 6P
   AM Radio System
More results

Similar Description - LM3822

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3824 NSC-LM3824 Datasheet
265Kb / 12P
   Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
LM3812 NSC-LM3812 Datasheet
258Kb / 14P
   Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814_05 Datasheet
708Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
LM3814 NSC-LM3814 Datasheet
264Kb / 14P
   Fast Current Gauge IC with Ultra Low Loss Sense Element and PWM Output
logo
Linear Technology
LTC6102 LINER-LTC6102_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102-1 LINER-LTC6102-1_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
LTC6102HV LINER-LTC6102HV_15 Datasheet
397Kb / 26P
   Precision Zero Drift Current Sense Amplifier
logo
Ohmite Mfg. Co.
CS3FR050E OHMITE-CS3FR050E Datasheet
99Kb / 1P
   Wire Element Four Terminal Precision Current Sense
CS3 OHMITE-CS3 Datasheet
328Kb / 2P
   Wire Element Four Terminal Precision Current Sense
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com