Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC845_847_848ANOMALY Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC845_847_848ANOMALY
Description  This anomaly list represents the known bugs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC845_847_848ANOMALY Datasheet(HTML) 3 Page - Analog Devices

  ADUC845_847_848ANOMALY Datasheet HTML 1Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 2Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 3Page - Analog Devices ADUC845_847_848ANOMALY Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ADuC845/ADuC847/ADuC848
Rev. B | Page 3 of 4
7. Level-Triggered Interrupt Operation [er007]
Background:
The ADuC845/ADuC847/ADuC848 incorporate two external interrupt sources (INT0 and INT1) that can be configured to
respond to either an edge event or a level event.
Issue:
If an interrupt occurs on the INT0 or INT1 pins and is then removed within one core instruction cycle, the interrupt vector
address that is generated may be incorrect, resulting in a vector to 0000H. This effectively restarts code execution.
Workaround:
To ensure that this does not occur, the level-triggered interrupt source must be kept low for a minimum of nine core clock
cycles.
Related Issues:
None.


Similar Part No. - ADUC845_847_848ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845BCP62-3 AD-ADUC845BCP62-3 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP62-5 AD-ADUC845BCP62-5 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP8-3 AD-ADUC845BCP8-3 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845BCP8-5 AD-ADUC845BCP8-5 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADuC845BCPZ62-3 AD-ADuC845BCPZ62-3 Datasheet
1Mb / 108P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. C
More results

Similar Description - ADUC845_847_848ANOMALY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7124_7126_ANOMALY AD-ADUC7124_7126_ANOMALY Datasheet
101Kb / 5P
   This anomaly list describes the known bugs
ADT7411_ANOMALY AD-ADT7411_ANOMALY Datasheet
118Kb / 2P
   This anomaly list describes the known bugs
logo
Texas Instruments
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
[Old version datasheet]   This document describes the known exceptions to the functional specifications for the device.
logo
STMicroelectronics
TN0235 STMICROELECTRONICS-TN0235 Datasheet
256Kb / 9P
   This document contains a list of frequently
logo
Xilinx, Inc
DS804 XILINX-DS804 Datasheet
225Kb / 7P
   The following tables list the external slave signals and master
logo
PHOENIX CONTACT
2688394 PHOENIX-2688394 Datasheet
118Kb / 8P
   The bus coupler represents the link between an EtherNet/IP??network and the Axioline F system.
logo
List of Unclassifed Man...
HRM-554S ETC2-HRM-554S Datasheet
443Kb / 12P
   Converter adapter list
logo
Freescale Semiconductor...
MPC565MVR56 FREESCALE-MPC565MVR56 Datasheet
290Kb / 16P
   This document provides an overview of the MPC565/MPC566 microcontrollers, including a block diagram showing the major modular components, sections that list the major features,
logo
MUSIC Semiconductors
MU9C3640L MUSIC-MU9C3640L Datasheet
185Kb / 22P
   LIST-XL Family
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com