Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FJP3305 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FJP3305
Description  High Voltage Switch Mode Application
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FJP3305 Datasheet(HTML) 3 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A, March 2004
Typical Characteristics (Continued)
Figure 7. Saturation Voltage(O-Grade)
Figure 8. Switching Time
Figure 9. Reverse Biased Safe Operating Area
Figure 10. Forward Biased Safe Operating Area
Figure 11. Power Derating
0.01
0.1
1
10
0.01
0.1
1
10
I
C = 4 IB
Ta = 75
O
C
Ta = 125
O
C
Ta = 25
OC
Ta = - 25
O
C
I
C [A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
10
I
B1 = - IB2 = 0.4A
V
CC = 125V
t
STG
t
F
I
C [A], COLLECTOR CURRENT
10
100
1000
1
10
I
B1=2A, RB2=0
V
CC=50V, L=1mH
V
CE [V], COLLECTOR-EMITTER VOLTAGE
1
10
100
1000
0.01
0.1
1
10
100
T
C = 25
O
C
Single Pulse
I
C (Pulse)
500
µµµµs
5ms
1ms
I
C (DC)
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
90
100
Tc[
oC], CASE TEMPERATURE


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FJP13007High Voltage Switch Mode Application 1 2 3 4 5 MoreFairchild Semiconductor
KSE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
MJE13009FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13007FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJP13009High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
FJPF5555High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13004High Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor
KSE13005FHigh Voltage Switch Mode Application 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn