Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 12 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 12 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 12 of 88
TYPICAL PERFORMANCE CHARACTERISTICS
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MEAN
MAX
Figure 4. VS1 ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MEAN
MAX
Figure 5. VS2 ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MEAN
MAX
Figure 6. VS3 ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
4
–4
–3
–2
–1
0
1
2
3
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MEAN
MAX
Figure 7. CS1 ADC Accuracy vs. Temperature (from 10% to 50% of FSR)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
1.0
0.5
1.5
2.0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MEAN
MAX
Figure 8. CS2 ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
4
–4
–3
–2
–1
0
1
2
3
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
MAX SPEC
MIN SPEC
MIN
MAX
MEAN
Figure 9. RTD ADC Accuracy vs. Temperature (from 10% to 90% of FSR)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn