Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 84 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 84 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 84 of 88
RESONANT MODE REGISTER DESCRIPTIONS
Table 145. Register 0x40—PWM Switching Frequency Setting in Resonant Mode
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
[5:0]
Switching frequency
R/W
This register sets the switching frequency of the PWM pins and enables resonant mode. To
enable resonant mode, set these bits to 0x3F (111111).
Table 146. Register 0x41—OUTA Rising Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt1 (rising edge dead
time of OUTA)
R/W
This register sets Δt1, which is the delay of the rising edge of OUTA from the start of the
switching cycle, tA. Each LSB corresponds to 5 ns of resolution.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt1 (ns)
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
5
1
1
1
1
1
1
1
1
1275
Table 147. Register 0x42—Lowest Switching Frequency Limit Setting (Maximum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:0]
Lowest frequency
R/W
This register contains the eight MSBs of the 12-bit value of the lowest switching frequency (maxi-
mum switching cycle) limit. This value is always used with the top four bits of Register 0x44,
which contain the four LSBs of the lowest switching frequency limit. Each LSB of the 12-bit
value corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x42
is set to 0xA0 (160 decimal) and Bits[7:4] of Register 0x44 are set to 0xF (15 decimal), the
maximum switching cycle is (160 × 16 + 15) × 5 ns = 12.875 μs, and the lowest switching
frequency limit is 1/12.875 μs = 77.7 kHz.
Table 148. Register 0x43—OUTA Falling Edge Dead Time in Resonant Mode
Bits
Bit Name
R/W
Description
[7:0]
Δt2 (falling edge dead
time of OUTA)
R/W
This register sets Δt2, which is the difference between the falling edge of OUTA and the mid-
point of the switching cycle, tB. Each LSB corresponds to 5 ns of resolution. When the register
value is from 0x00 to 0x7F, the falling edge of OUTA is trailing tB. When the value is from 0x80
to 0xFF, the falling edge of OUTA is leading tB.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Δt2
0
0
0
0
0
0
0
0
0 ns
0
0
0
0
0
0
0
1
5 ns trailing
0
1
1
1
1
1
1
1
635 ns trailing
1
0
0
0
0
0
0
0
640 ns leading
1
1
1
1
1
1
1
1
5 ns leading
Table 149. Register 0x44—Lowest Switching Frequency Limit Setting (Maximum Switching Cycle in Resonant Mode)
Bits
Bit Name
R/W
Description
[7:4]
Lowest frequency
R/W
This register contains the four LSBs of the 12-bit value of the lowest switching frequency (maxi-
mum switching cycle) limit. This value is always used with the eight bits of Register 0x42, which
contain the eight MSBs of the lowest switching frequency limit. Each LSB of the 12-bit value
corresponds to 5 ns of resolution for the switching cycle. For example, if Register 0x42 is set
to 0xA0 (160 decimal) and Bits[7:4] of Register 0x44 are set to 0xF (15 decimal), the maximum
switching cycle is (160 × 16 + 15) × 5 ns = 12.875 μs, and the lowest switching frequency limit
is 1/12.875 μs = 77.7 kHz.
[3:0]
Reserved
R/W
Reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn