Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 54 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 54 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 54 of 88
CURRENT SENSE AND CURRENT LIMIT REGISTERS
Table 33. Register 0x21—CS1 Gain Trim
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
CS1 gain trim
R/W
This value calibrates the primary side current sense gain. See the CS1 Trim section for more
information.
Table 34. Register 0x22—CS1 Accurate OCP Limit
Bits
Bit Name
R/W
Description
[7:5]
CS1 fast OCP blanking
R/W
These bits determine the blanking time for CS1 before fast OCP is enabled. This time is
measured from the start of a switching cycle. If using OUTAUX, the time is synchronized
with the rising edge of OUTAUX.
Bit 7
Bit 6
Bit 5
Delay (ns)
0
0
0
0
0
0
1
40
0
1
0
80
0
1
1
120
1
0
0
200
1
0
1
400
1
1
0
600
1
1
1
800
[4:0]
CS1 accurate OCP
R/W
These bits set the CS1 accurate OCP threshold. The digital word that is output from the CS1 ADC
is compared with this threshold. If the CS1 ADC reading (Register 0x13) is greater than the OCP
threshold set by these bits, the CS1 accurate OCP flag is set. This value should be programmed
only after the CS1 trim has been performed. The range of these bits is from 0 to 31, that is,
0 V to 1.4 V in 43.75 mV steps. The following equation gives the CS1 accurate OCP threshold:
CS1_OCP_Threshold = (CS1_OCP_Limit × 1.4 V/32) + 16 × 1.4/212
Table 35. Register 0x23—CS2 Gain Trim
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R/W
Reserved.
5
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[4:0]
CS2 gain trim
R/W
This register calibrates the secondary side (CS2) current sense gain. It calibrates for errors in
the sense resistor. See the CS2 Trim section for more information.
Table 36. Register 0x24—CS2 Analog Offset Trim
Bits
Bit Name
R/W
Description
7
Reserved
R/W
Reserved.
6
Offset polarity
R/W
1 = negative offset is introduced.
0 = positive offset is introduced.
[5:0]
CS2 offset trim
R/W
This register calibrates the secondary side (CS2) current sense common-mode error. It calibrates
for errors in the resistor divider network. See the CS2 Trim section for more information.
Table 37. Register 0x25—CS2 Digital Offset Trim
Bits
Bit Name
R/W
Description
[7:0]
CS2 digital offset trim
R/W
This register contains the CS2 digital trim level. This value is used to calibrate the CS2 value
that is read in Register 0x18. See the CS2 Trim section for more information.
Table 38. Register 0x26—CS2 Accurate OCP Limit
Bits
Bit Name
R/W
Description
[7:0]
CS2 accurate OCP
R/W
This register sets the CS2 accurate OCP current level. This 8-bit number is compared to the CS2 value
register (Register 0x18). When the CS2 value register is greater than the value in this register,
the CS2 accurate OCP flag is set. The following equation gives the CS2 accurate OCP threshold:
CS2_OCP_Threshold = CS2_OCP_Limit × (ADC_Range)/256 + 16 × (ADC_Range)/212


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn