Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1046AW Datasheet(PDF) 53 Page - Analog Devices

Part # ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1046AW Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP1046AW Datasheet HTML 49Page - Analog Devices ADP1046AW Datasheet HTML 50Page - Analog Devices ADP1046AW Datasheet HTML 51Page - Analog Devices ADP1046AW Datasheet HTML 52Page - Analog Devices ADP1046AW Datasheet HTML 53Page - Analog Devices ADP1046AW Datasheet HTML 54Page - Analog Devices ADP1046AW Datasheet HTML 55Page - Analog Devices ADP1046AW Datasheet HTML 56Page - Analog Devices ADP1046AW Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 88 page
background image
Data Sheet
ADP1046AW
Rev. 0 | Page 53 of 88
Table 24. Register 0x18—CS2 Value (Output Current)
Bits
Bit Name
R/W
Description
[15:4]
Output current value
R
This register contains the 12-bit output current information. This value is the voltage drop
across the sense resistor. To obtain the current value, the user must divide the value of this
register by the sense resistor value (see the CS2+, CS2− Pins section). The CS2± pins have a
full-scale input range of 120 mV or 60 mV (set in Register 0x27[5]). This value has 12 bits of
resolution; the LSB step size depends on the input range value.
When the CS2 input range is set to 120 mV, the LSB step size is 29.30 µV. For example, at
a 30 mV input signal on CS2, the value in this register is 30 mV/29.30 µV = 1024 (0x400).
When the CS2 input range is set to 60 mV, the LSB step size is 14.65 µV. For example, at
a 30 mV input signal on CS2, the value in this register is 30 mV/14.65 µV = 2048 (0x800).
[3:0]
Reserved
R
Reserved.
Table 25. Register 0x19—CS2 × VS3 Value (Output Power)
Bits
Bit Name
R/W
Description
[15:0]
Output power value
R
This register contains the 16-bit output power information. This value is the product of the remote
output voltage value (VS3) and the output current reading (CS2). See the Power Readings
section for the formulas needed to convert this digital reading into power information.
Table 26. Register 0x1A—RTD Temperature Value
Bits
Bit Name
R/W
Description
[15:4]
Temperature value
R
This register contains the 12-bit output temperature information, as determined from the
RTD pin. The range of the RTD pin is from 0 V to 1.6 V. This value has 12 bits of resolution,
which results in an LSB size of 390.625 μV. At 0 V input, the value in this register is 0 (0x000).
The recommended nominal voltage at this pin is 1 V. At 1 V input, these bits read 2560 (0xA00).
[3:0]
Reserved
R
Reserved.
Table 27. Register 0x1B—Read Temperature
Bits
Bit Name
R/W
Description
[7:0]
Read temperature
R/W
This register returns an 8-bit temperature in °C (unsigned decimal format). For this feature
to function correctly, the external thermistor must be 100 kΩ with a 16.5 kΩ, 1% resistor in
parallel, and the selected current source must be trimmed to 46 µA by selecting 40 µA in
Register 0x11[7:6] and using the current trim (fine-trim) bits in Register 0x11[5:0].
Table 28. Register 0x1C—RTD Offset Trim (MSB)
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R
Reserved.
1
Trim polarity
R/W
Setting this bit to 1 means that negative offset is introduced.
Setting this bit to 0 means that positive offset is introduced.
0
RTD offset trim (MSB)
R/W
This bit is the MSB of the RTD offset trim. Together with Register 0x20 (the LSBs), this bit sets
the amount of offset trim that is applied to the RTD ADC reading.
Table 29. Register 0x1D—Share Bus Value
Bits
Bit Name
R/W
Description
[7:0]
Share bus value
R
This register contains the 8-bit share bus voltage information. If the power supply is the
master, this register outputs 0.
Table 30. Register 0x1E—Modulation Value
Bits
Bit Name
R/W
Description
[7:0]
Modulation value
R
This register contains the 8-bit modulation information. It outputs the amount of
modulation from 0% to 100% that is being placed on the modulating edges.
Table 31. Register 0x1F—Line Impedance Value
Bits
Bit Name
R/W
Description
[7:0]
Line impedance value
R
This register contains the 8-bit line impedance information. This value is (VS2 − VS3)/CS2.
Table 32. Register 0x20—RTD Offset Trim (LSBs)
Bits
Bit Name
R/W
Description
[7:0]
RTD offset trim (LSBs)
R/W
These eight bits, together with Register 0x1C[0] (the MSB), set the amount of offset trim that
is applied to the RTD ADC reading.


Similar Part No. - ADP1046AW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A-100-EVALZ AD-ADP1046A-100-EVALZ Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-R7 AD-ADP1046AACPZ-R7 Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046AACPZ-RL AD-ADP1046AACPZ-RL Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046ACPZ-R7 AD-ADP1046ACPZ-R7 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results

Similar Description - ADP1046AW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138_16 Datasheet
3Mb / 89P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Texas Instruments
UCD3138 TI1-UCD3138 Datasheet
1Mb / 68P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCC3138 TI1-UCC3138 Datasheet
1Mb / 78P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138A TI1-UCD3138A Datasheet
3Mb / 87P
[Old version datasheet]   Highly-Integrated Digital Controller for Isolated Power
UCD3138A TI-UCD3138A_15 Datasheet
2Mb / 83P
[Old version datasheet]   Highly Integrated Digital Controller for Isolated Power
UCD3138128 TI-UCD3138128_15 Datasheet
2Mb / 80P
[Old version datasheet]   UCD3138x Highly-Integrated Digital Controller For Isolated Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com