Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 46 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 46 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 46 of 88
Address
Register Name
Voltage Sense Registers
0x31
VS3 voltage setting (remote voltage)
0x32
VS1 overvoltage limit (OVP)
0x33
VS2 and VS3 overvoltage limit (OVP)
0x34
VS1 undervoltage limit (UVP)
0x35
Line impedance limit
0x36
Load line impedance
0x37
Fast OVP comparator
0x38
VS1 trim
0x39
VS2 trim
0x3A
VS3 trim
0x3B
Light load mode disable settings
ID Registers
0x3C
Silicon revision ID
0x3D
Manufacturer ID
0x3E
Device ID
PWM and Synchronous Rectification Timing Registers
0x3F
OUTAUX switching frequency setting
0x40
PWM switching frequency setting
0x41
OUTA rising edge timing (OUTA pin)
0x42
OUTA rising edge setting (OUTA pin)
0x43
OUTA falling edge timing (OUTA pin)
0x44
OUTA falling edge setting (OUTA pin)
0x45
OUTB rising edge timing (OUTB pin)
0x46
OUTB rising edge setting (OUTB pin)
0x47
OUTB falling edge timing (OUTB pin)
0x48
OUTB falling edge setting (OUTB pin)
0x49
OUTC rising edge timing (OUTC pin)
0x4A
OUTC rising edge setting (OUTC pin)
0x4B
OUTC falling edge timing (OUTC pin)
0x4C
OUTC falling edge setting (OUTC pin)
0x4D
OUTD rising edge timing (OUTD pin)
0x4E
OUTD rising edge setting (OUTD pin)
0x4F
OUTD falling edge timing (OUTD pin)
0x50
OUTD falling edge setting (OUTD pin)
0x51
SR1 rising edge timing (SR1 pin)
0x52
SR1 rising edge setting (SR1 pin)
0x53
SR1 falling edge timing (SR1 pin)
0x54
SR1 falling edge setting (SR1 pin)
0x55
SR2 rising edge timing (SR2 pin)
0x56
SR2 rising edge setting (SR2 pin)
0x57
SR2 falling edge timing (SR2 pin)
0x58
SR2 falling edge setting (SR2 pin)
0x59
OUTAUX rising edge timing (OUTAUX pin)
0x5A
OUTAUX rising edge setting (OUTAUX pin)
0x5B
OUTAUX falling edge timing (OUTAUX pin)
0x5C
OUTAUX falling edge setting (OUTAUX pin)
0x5D
OUTx and SRx pin disable settings
0x5E
ACSNS gain trim
Digital Filter Programming Registers
0x5F
Soft start and output voltage slew rate settings
0x60
Normal mode digital filter LF gain setting
0x61
Normal mode digital filter zero setting
0x62
Normal mode digital filter pole setting
0x63
Normal mode digital filter HF gain setting
0x64
Light load mode digital filter LF gain setting


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn