Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 4 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 4 of 88
SPECIFICATIONS
VDD = 3.0 V to 3.6 V, TA = −40°C to +125°C, unless otherwise noted. FSR = full-scale range.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VDD
4.7 µF capacitor connected to AGND
3.05
3.3
3.6
V
Supply Current
IDD
Normal operation (PSON is high or low)
20
mA
During EEPROM programming (40 ms)
IDD + 8
mA
Shutdown (VDD below UVLO)
100
µA
POWER-ON RESET
Power-On Reset
VDD rising
3.02
V
UVLO
VDD falling
2.75
2.85
2.97
V
UVLO Hysteresis
40
mV
OVLO
3.75
4.0
4.13
V
OVLO Debounce
When set to 2 µs
2.0
µs
When set to 500 µs
500
µs
VCORE PIN
0.33 µF capacitor connected to DGND
Output Voltage
TA = 25°C
2.4
2.5
2.7
V
OSCILLATOR AND PLL
PLL Frequency
RES = 10 kΩ (±0.1%)
190
200
210
MHz
OUTA, OUTB, OUTC, OUTD,
OUTAUX, SR1, SR2, GATE PINS
Output Low Voltage
VOL
Source current = 10 mA
0.4
V
Output High Voltage
VOH
Source current = 10 mA
VDD − 0.4
V
Rise Time
CLOAD = 50 pF
3.5
ns
Fall Time
CLOAD = 50 pF
1.5
ns
VS1, VS2, VS3 LOW SPEED ADCs
Input Voltage Range
VIN
Differential voltage from VS1, VS2 to
PGND, and from VS3+ to VS3−
0
1
1.6
V
Usable Input Voltage Range
0
1.4
V
ADC Clock Frequency
1.56
MHz
Register Update Rate
10
ms
Voltage Sense Measurement
Accuracy
Factory trimmed at 1.0 V
0% to 100% of usable input voltage range
−3.0
+3.0
% FSR
−48
+48
mV
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
−32
+32
mV
900 mV to 1.1 V
−1.2
+1.2
% FSR
−16
+16
mV
Temperature Coefficient
65
ppm/°C
Leakage Current
1.0
µA
Voltage Sense Measurement
Resolution
12
Bits
Common-Mode Voltage Offset
−0.25
+0.25
% FSR
Voltage Differential from VS3−
to PGND
−200
+200
mV
VS1 Accurate OVP Speed
Register 0x32[1:0] = 00; equivalent
resolution is 7 bits
80
µs
VS1 OVP Threshold Accuracy
Relative to nominal voltage (1 V) on VS1
−2.0
+2.0
% FSR
VS2 and VS3 OVP Speed
Register 0x33[1:0] = 00; equivalent
resolution is 7 bits
80
µs
VS2 and VS3 OVP Threshold
Accuracy
Relative to nominal voltage (1 V) on VS2
and VS3
−2.0
+2.0
% FSR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn