Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADP1046AW Datasheet(PDF) 36 Page - Analog Devices

Part No. ADP1046AW
Description  Digital Controller for Isolated
Download  88 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADP1046AW Datasheet(HTML) 36 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
ADP1046AW
Data Sheet
Rev. 0 | Page 36 of 88
LAYOUT GUIDELINES
This section explains best practices that should be followed to
ensure optimal performance of the ADP1046AW. In general,
place all components as close to the ADP1046AW as possible.
All signals should be referenced to their respective grounds.
CS2+ AND CS2−
Route the traces from the sense resistor to the ADP1046AW
parallel to each other. Keep the traces close together and as
far from the switch nodes as possible.
VS3+ AND VS3−
Route the traces from the remote voltage sense point to the
ADP1046AW parallel to each other. Keep the traces close
together and as far from the switch nodes as possible. Place a
100 nF capacitor from VS3− to AGND to reduce common-
mode noise.
VDD
Place the decoupling capacitors as close to the part as possible.
A 4.7 µF capacitor from VDD to AGND is recommended.
SDA AND SCL
Route the traces to these pins parallel to each other. Keep the
traces close together and as far from the switch nodes as possible.
CS1
Route the traces from the current sense transformer to the
ADP1046AW parallel to each other. Keep the traces close
together and as far from the switch nodes as possible.
EXPOSED PAD
Solder the exposed pad underneath the ADP1046AW to the
PCB AGND plane.
VCORE
Place a 330 nF decoupling capacitor from this pin to DGND
as close to the part as possible.
RES
Place a 10 kΩ, ±0.1% resistor from this pin to AGND as close
to the part as possible.
RTD
Route a single trace to the ADP1046AW from the thermistor
using a dedicated trace to AGND. Place the thermistor close to
the hottest part of the power supply.
AGND, DGND, AND PGND
Create an AGND ground plane and make a single-point (star)
connection to the power supply system ground. Connect DGND to
AGND with a very short trace using a star connection. Connect
PGND to AGND using a star connection.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn