Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHX35LG Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FHX35LG
Description  Low Noise HEMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FHX35LG Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FHX35LG Datasheet HTML 1Page - Fujitsu Component Limited. FHX35LG Datasheet HTML 2Page - Fujitsu Component Limited. FHX35LG Datasheet HTML 3Page - Fujitsu Component Limited. FHX35LG Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Item
Conditions
Drain Current
Transconductance
Gate-Source Leakage Current
Gate-Drain Capacitance
Symbol
IDSS
IGSO
CGD
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25°C)
mA
nA
mS
pF
Unit
gm
Pinch-off Voltage
Vp
V
Gate-Source Capacitance
pF
CGS
Limits
85
20
-
Max.
15
-2.0
-0.2
45
-
-
FHX35X/002
FHX35LG/002
-
-
-
Min.
40
-1.0
60
0.27
--
0.47
10
0.035
Min.
Item
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
Symbol
Tstg
VDS
6
-5
290
-65 to 175
mW
°C
V
V
VGS
PT
Channel Temperature
+175
°C
Tch
Thermal Resistance
150
Channel to Case
°C/W
Rth
Ratings
Conditions
Unit
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25°C)
VGS=-2V
VDS=3V
IDS=10mA
VDS=3V, IDS=10mA
VDS=2V, VGS=0V
VDS=2V, IDS=10mA
VDS=2V, IDS=1mA
DESCRIPTION
The FHX35X/002 Chip and FHX35LG/002 packaged devices are HEMT
(High Electron Mobility Transistor) ones suitable for use as the front end
of an optical receiver in high speed lightwave communication systems.
This HEMT combines high transconductance, low gate capacitance and
low leakage current; all important factors in achieving low noise
preamplification. Fujitsu’s stringent Quality Assurance criteria and
detailed Test Procedures assure Highest Reliabiltity Performance.
FEATURES
• High Transconductance
• Low Leakage Current
• Low Gate Capacitance
• Gold Bonding System
• Proven Reliability
1
Edition 1.1
May 1998
FHX35X/002
FHX35LG/002
Low Noise HEMT
LG PACKAGE


Similar Part No. - FHX35LG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FHX04LG FUJITSU-FHX04LG Datasheet
116Kb / 5P
   Super Low Noise HEMT
logo
Eudyna Devices Inc
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
   GaAs FET & HEMT Chips
logo
Fujitsu Component Limit...
FHX05LG FUJITSU-FHX05LG Datasheet
116Kb / 5P
   Super Low Noise HEMT
logo
Eudyna Devices Inc
FHX05X EUDYNA-FHX05X Datasheet
56Kb / 4P
   GaAs FET & HEMT Chips
logo
Fujitsu Component Limit...
FHX06LG FUJITSU-FHX06LG Datasheet
116Kb / 5P
   Super Low Noise HEMT
More results

Similar Description - FHX35LG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FHC40LG EUDYNA-FHC40LG Datasheet
87Kb / 5P
   Super Low Noise HEMT
logo
Broadcom Corporation.
ATF-38143 BOARDCOM-ATF-38143 Datasheet
377Kb / 12P
   Low Noise Pseudomorphic HEMT
logo
Mitsubishi Electric Sem...
MGF4964BL MITSUBISHI-MGF4964BL Datasheet
229Kb / 5P
   Low Noise GaAs HEMT
MGF4953A MITSUBISHI-MGF4953A_11 Datasheet
141Kb / 5P
   Low Noise GaAs HEMT
MGF4953B MITSUBISHI-MGF4953B_11 Datasheet
159Kb / 6P
   Low Noise GaAs HEMT
logo
Eudyna Devices Inc
FHX76LP EUDYNA-FHX76LP Datasheet
87Kb / 5P
   Super Low Noise HEMT
logo
Mitsubishi Electric Sem...
MGF4936AM MITSUBISHI-MGF4936AM Datasheet
188Kb / 6P
   Low Noise GaAs HEMT
logo
Eudyna Devices Inc
FHX13LG EUDYNA-FHX13LG Datasheet
89Kb / 6P
   Super Low Noise HEMT
logo
Mitsubishi Electric Sem...
MGF4963BL MITSUBISHI-MGF4963BL Datasheet
233Kb / 5P
   Low Noise GaAs HEMT
logo
Fujitsu Component Limit...
FHX04LG FUJITSU-FHX04LG Datasheet
116Kb / 5P
   Super Low Noise HEMT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com