Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10048P3L-001 Datasheet(PDF) 2 Page - Astec America, Inc

Part No. AD10048P3L-001
Description  Active power factor correction
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ASTEC [Astec America, Inc]
Homepage  http://www.astecinc.com/
Logo 

AD10048P3L-001 Datasheet(HTML) 2 Page - Astec America, Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 03.16.11_14
AD10048P3L-001
2 of 2
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
OrderingInformation
Model
Number
Maximum
Power
Output
Voltage
Maximum
Load
Peak Load1 Regulation2
Ripple
P/P (PARD)3
AD10048P3L-001
100 W
48Vdc
2.08A
2.29A
±5%
<500mV
1. Peakcurrentlasting<4secondswithamaximum10%dutycycle.
2. At25°C includinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactory
settings.
3. Peak-to-peakwith20MHzbandwidthand10µF(tantalumcapacitor)inparallelwitha0.1µFcapacitoratrated
linevoltageandloadranges.
6.14″
(156.0)
2.56″
(65.0)
LIVE
NEUTRAL
EARTH
59″
(1500)
1.47”(H)x2.56”(W)x6.14”(L)
37.2mm(H)x65.0mm(W)x156.0mm(L)
ACInputConnector:IEC320,C6
ACInputpowercordsoldseparately
Notes:
1.Specificationssubjecttochangewithoutnotice.
2.Alldimensionsininches(mm),toleranceis
±0.02”(±0.5mm)
3.Warranty:2year
4.Weight:1.11lb./0.5kg
5.ACinputpowercordsoldseparately.
6.Specificationsatfactorysettingsat115Vacinput,25°Cunless
otherwise stated
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2011EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn