Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ04DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ04DFT2G
Description  Dual Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ04DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ04DFT2G Datasheet HTML 1Page - ON Semiconductor NL27WZ04DFT2G Datasheet HTML 2Page - ON Semiconductor NL27WZ04DFT2G Datasheet HTML 3Page - ON Semiconductor NL27WZ04DFT2G Datasheet HTML 4Page - ON Semiconductor NL27WZ04DFT2G Datasheet HTML 5Page - ON Semiconductor NL27WZ04DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 10
1
Publication Order Number:
NL27WZ04/D
NL27WZ04
Dual Inverter
The NL27WZ04 is a high performance dual inverter operating from
a 1.65 V to 5.5 V supply. High impedance TTL compatible inputs
significantly reduce current loading to input drivers while TTL
compatible outputs offer improved switching noise performance.
Features
Extremely High Speed: tPD 2.0 ns (typical) at VCC = 5 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability with 5 V TTL Logic
with VCC = 3 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7W04
Chip Complexity: FET = 72; Equivalent Gate = 18
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
VCC
IN A1
OUT Y1
GND
IN A2
OUT Y2
1
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
IN A2
OUT Y2
1
OUT Y1
IN A1
1
2
34
5
6
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
SC−88
(SC70−6/SOT−363)
DF SUFFIX
CASE 419B
TSOP−6
DT SUFFIX
CASE 318G
http://onsemi.com
1
1
M5 M G
G
1
M5 = Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or position and underbar
may vary depending upon manufacturing location.
(Note: Microdot may be in either location)
FUNCTION TABLE
L
H
H
L
PIN ASSIGNMENT
1
2
3
4
5
6
A Input
Y Output
IN A1
GND
IN A2
OUT Y2
VCC
OUT Y1
M5 M G
G
1
6
Pin
Function


Similar Part No. - NL27WZ04DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ04DFT2G ONSEMI-NL27WZ04DFT2G Datasheet
75Kb / 6P
   Dual Inverter
February, 2007 ??Rev.6
NL27WZ04DFT2G ONSEMI-NL27WZ04DFT2G Datasheet
161Kb / 11P
   Dual Inverter
March, 2022 - Rev. 13
NL27WZ04DFT2G-L22348 ONSEMI-NL27WZ04DFT2G-L22348 Datasheet
161Kb / 11P
   Dual Inverter
March, 2022 - Rev. 13
More results

Similar Description - NL27WZ04DFT2G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
NXP Semiconductors
74HC2G04 NXP-74HC2G04 Datasheet
79Kb / 14P
   Dual inverter
Rev. 01-15 November 2006
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com