Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4373DMR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NLSX4373DMR2G
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373DMR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLSX4373DMR2G Datasheet HTML 1Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 2Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 3Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 4Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 5Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 6Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 7Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 8Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 6
1
Publication Order Number:
NLSX4373/D
NLSX4373
2-Bit 20 Mb/s Dual-Supply
Level Translator
The NLSX4373 is a 2−bit configurable dual−supply bidirectional
auto sensing translator that does not require a directional control pin.
The VCC I/O and VL I/O ports are designed to track two different
power supply rails, VCC and VL respectively. The VCC supply rail is
configurable from 1.5 V to 5.5 V while VL supply rail is configurable
to 1.5 V to 5.5 V. This allows voltage logic signals on the VL side to
be translated into lower, higher or equal value voltage logic signals
on the VCC side, and vice−versa.
The NLSX4373 translator has open−drain outputs with integrated
10 k
W pullup resistors on the I/O lines. The integrated pullup
resistors are used to pullup the I/O lines to either VL or VCC. The
NLSX4373 is an excellent match for open−drain applications such as
the I2C communication bus.
Features
VL can be Less than, Greater than or Equal to VCC
Wide VCC Operating Range: 1.5 V to 5.5 V
Wide VL Operating Range: 1.5 V to 5.5 V
High−Speed with 20 Mb/s Guaranteed Date Rate
Low Bit−to−Bit Skew
Enable Input and I/O Lines have Overvoltage Tolerant (OVT) to
5.5 V
Nonpreferential Powerup Sequencing
Integrated 10 kW Pullup Resistors
Small packaging: UDFN8, SO−8, Micro8
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable*
This is a Pb−Free Device
Typical Applications
I2C, SMBus, PMBus
Low Voltage ASIC Level Translation
Mobile Phones, PDAs, Cameras
Important Information
ESD Protection for All Pins
− Human Body Model (HBM) > 7000 V
MARKING
DIAGRAMS
http://onsemi.com
UDFN8
MU SUFFIX
CASE 517AJ
1
8
VF = Specific Device Code
M
= Date Code
G
= Pb−Free Package
VFM
G
Device
Package
Shipping
ORDERING INFORMATION
NLSX4373MUTAG
UDFN8
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
8
SO−8
D SUFFIX
CASE 751
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
SX4373
ALYW G
G
1
8
Micro8
t
DM SUFFIX
CASE 846A
1
4373
AYW G
G
1
8
NLSX4373DR2G
SO−8
(Pb−Free)
2500/Tape & Reel
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
NLVSX4373DR2G*
SO−8
(Pb−Free)
2500/Tape & Reel
NLSX4373DMR2G
Micro8
(Pb−Free)
4000/Tape & Reel
NLVSX4373MUTAG* UDFN8
(Pb−Free)
3000/Tape & Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn