Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX3018DWR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NLSX3018DWR2G
Description  8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3018DWR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NLSX3018DWR2G Datasheet HTML 4Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 5Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 6Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 7Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 8Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 9Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 10Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 11Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
NLSX3018
http://onsemi.com
9
IMPORTANT APPLICATIONS INFORMATION
Level Translator Architecture
The NLSX3018 auto sense translator provides
bi−directional voltage level shifting to transfer data in
multiple supply voltage systems. This device has two
supply voltages, VL and VCC, which set the logic levels on
the input and output sides of the translator. When used to
transfer data from the VL to the VCC ports, input signals
referenced to the VL supply are translated to output signals
with a logic level matched to VCC. In a similar manner, the
VCC to VL translation shifts input signals with a logic level
compatible to VCC to an output signal matched to VL.
The NLSX3018 consists of four bi−directional channels
that independently determine the direction of the data flow
without requiring a directional pin. The one−shot circuits
are used to detect the rising or falling input signals. In
addition, the one shots decrease the rise and fall time of the
output signal for high−to−low and low−to−high transitions.
Input Driver Requirements
For proper operation, the input driver to the auto sense
translator should be capable of driving 2.0 mA of peak
output current.
Output Load Requirements
The NLSX3018 is designed to drive CMOS inputs.
Resistive pullup or pulldown loads of less than 50 k
W
should not be used with this device. The NLSX3373 or
NLSX3378 open−drain auto sense translators are alternate
translator options for an application such as the I2C bus that
requires pullup resistors.
Enable Input (EN)
The NLSX3018 has an Enable pin (EN) that provides
tri−state operation at the I/O pins. Driving the Enable pin
to a low logic level minimizes the power consumption of
the device and drives the I/O VCC and I/O VL pins to a high
impedance state. Normal translation operation occurs
when the EN pin is equal to a logic high signal. The EN pin
is referenced to the VL supply and has Over−Voltage
Tolerant (OVT) protection.
Uni−Directional versus Bi−Directional Translation
The NLSX3018 can function as a non−inverting
uni−directional translator. One advantage of using the
translator as a uni−directional device is that each I/O pin
can be configured as either an input or output. The
configurable input or output feature is especially useful in
applications such as SPI that use multiple uni−directional
I/O lines to send data to and from a device. The flexible I/O
port of the auto sense translator simplifies the trace
connections on the PCB.
Power Supply Guidelines
It is recommended that the VL supply should be less than
or equal to the value of the VCC minus 0.4 V. The
sequencing of the power supplies will not damage the
device during the power up operation; however, the current
consumption of the device will increase if VL exceeds VCC
minus 0.4 V. In addition, the I/O VCC and I/O VL pins are
in the high impedance state if either supply voltage is equal
to 0 V.
For optimal performance, 0.01 to 0.1
mF decoupling
capacitors should be used on the VL and VCC power supply
pins. Ceramic capacitors are a good design choice to filter
and bypass any noise signals on the power supply voltage
lines to the ground plane of the PCB. The noise immunity
will be maximized by placing the capacitors as close as
possible to the supply and ground pins, along with
minimizing the PCB connection traces.
ORDERING INFORMATION
Device
Package
Shipping
NLSX3018MUTAG
UDFN20
(Pb−Free)
3000 / Tape & Reel
NLSX3018DTR2G
TSSOP−20
(Pb−Free)
2500 / Tape & Reel
NLSX3018DWR2G
SOIC−20
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLSX3018DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3018DWR2G ONSEMI-NLSX3018DWR2G Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
More results

Similar Description - NLSX3018DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013 Datasheet
154Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
March, 2009 ??Rev. 2
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011 ONSEMI-NLSX5011_15 Datasheet
116Kb / 14P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
November, 2015 ??Rev. 6
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com