Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4378FCT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLSX4378FCT1G
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378FCT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NLSX4378FCT1G Datasheet HTML 1Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 2Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 3Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 4Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 5Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 6Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 7Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 8Page - ON Semiconductor NLSX4378FCT1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NLSX4378
http://onsemi.com
5
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS
(I/O test circuit of Figures 2 and 3, CLOAD = 15 pF, driver output impedance v 50 W, RLOAD = 1 MW)
Symbol
Unit
−405C to +855C
(Note 3)
Test Conditions
Parameter
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
VL = 3.6 V, VCC = 2.5 V
tRVCC
I/O VCC Risetime
15
ns
tFVCC
I/O VCC Falltime
10
ns
tRVL
I/O VL Risetime
15
ns
tFVL
I/O VL Falltime
15
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
15
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
15
ns
tPPSKEW
Part−to−Part Skew
5
nS
MDR
Maximum Data Rate
24
Mb/s
VL = 5.5 V, VCC = 1.65 V
tRVCC
I/O VCC Risetime
30
ns
tFVCC
I/O VCC Falltime
10
ns
tRVL
I/O VL Risetime
15
ns
tFVL
I/O VL Falltime
20
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
20
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
20
ns
tPPSKEW
Part−to−Part Skew
5
nS
MDR
Maximum Data Rate
24
Mb/s
3. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.
TIMING CHARACTERISTICS − OPEN DRAIN DRIVING CONFIGURATIONS
(I/O test circuit of Figures 4 and 5, CLOAD = 15 pF, driver output impedance v 50 W, RLOAD = 1 MW)
Symbol
Parameter
Test Conditions
−405C to +855C
(Note 4)
Unit
Min
Typ
Max
+1.65 v VL, VCC v +5.5 V
tRVCC
I/O VCC Risetime
400
ns
tFVCC
I/O VCC Falltime
50
ns
tRVL
I/O VL Risetime
400
ns
tFVL
I/O VL Falltime
60
ns
tPDVL−VCC Propagation Delay (Driving I/O VL)
1000
ns
tPDVCC−VL Propagation Delay (Driving I/O VCC)
1000
ns
tPPSKEW
Part−to−Part Skew
50
nS
MDR
Maximum Data Rate
2
Mb/s
4. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design. Limits over the operating
temperature range are guaranteed by design.


Similar Part No. - NLSX4378FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378FCT1G ONSEMI-NLSX4378FCT1G Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
More results

Similar Description - NLSX4378FCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4378A ONSEMI-NLSX4378A Datasheet
82Kb / 9P
   4-Bit 24 Mb/s Dual-Supply Level Translator
January, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4378 ONSEMI-NLSX4378 Datasheet
144Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
April, 2009 ??Rev. 2
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4014 ONSEMI-NLSX4014_15 Datasheet
112Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2015 ??Rev. 5
NLSX5014 ONSEMI-NLSX5014 Datasheet
163Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
NLSX3014 ONSEMI-NLSX3014 Datasheet
139Kb / 10P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2008 ??Rev. 4
NLSX5014 ONSEMI-NLSX5014_16 Datasheet
125Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
August, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com