Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NLSX4378
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378 Datasheet(HTML) 2 Page - ON Semiconductor

  NLSX4378 Datasheet HTML 1Page - ON Semiconductor NLSX4378 Datasheet HTML 2Page - ON Semiconductor NLSX4378 Datasheet HTML 3Page - ON Semiconductor NLSX4378 Datasheet HTML 4Page - ON Semiconductor NLSX4378 Datasheet HTML 5Page - ON Semiconductor NLSX4378 Datasheet HTML 6Page - ON Semiconductor NLSX4378 Datasheet HTML 7Page - ON Semiconductor NLSX4378 Datasheet HTML 8Page - ON Semiconductor NLSX4378 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NLSX4378
http://onsemi.com
2
Figure 1. Block Diagram (1 I/O Line)
PU1
RPullup
10 kW
VL
I/O VL
I/O VCC
VCC
One−Shot
Block
One−Shot
Block
PU2
Gate
Bias
N
RPullup
10 kW
EN
EN
PIN ASSIGNMENT
Pins
Description
VCC
VCC Input Voltage
VL
VL Input Voltage
GND
Ground
EN
Output Enable
I/O VCCn
VCC I/O Port, Referenced to VCC
I/O VLn
VL I/O Port, Referenced to VL
FUNCTION TABLE
EN
Operating Mode
L
Hi−Z
H
I/O Buses Connected
PIN LOCATION
Pin
Pin Name
A1
I/O VL1
A2
I/O VL2
A3
I/O VL3
A4
I/O VL4
B1
VCC
B2
VL
B3
EN
B4
GND
C1
I/O VCC1
C2
I/O VCC2
C3
I/O VCC3
C4
I/O VCC4
(2.02 x 1.54 mm)
(Bottom View)
mBump12
AB
C
4
3
2
1
VCC
VL
EN
GND
I/O VCC1
I/O VCC2
I/O VCC3
I/O VCC4
I/O VL1
I/O VL2
I/O VL3
I/O VL4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn