Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4373 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLSX4373
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373 Datasheet(HTML) 4 Page - ON Semiconductor

  NLSX4373_13 Datasheet HTML 1Page - ON Semiconductor NLSX4373_13 Datasheet HTML 2Page - ON Semiconductor NLSX4373_13 Datasheet HTML 3Page - ON Semiconductor NLSX4373_13 Datasheet HTML 4Page - ON Semiconductor NLSX4373_13 Datasheet HTML 5Page - ON Semiconductor NLSX4373_13 Datasheet HTML 6Page - ON Semiconductor NLSX4373_13 Datasheet HTML 7Page - ON Semiconductor NLSX4373_13 Datasheet HTML 8Page - ON Semiconductor NLSX4373_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NLSX4373
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VCC = 1.5 V to 5.5 V and VL = 1.5 V to 5.5 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
−405C to +855C
Unit
Min
Typ
(Notes 1, 2)
Max
VIHC
I/O VCC Input HIGH Voltage
VCC − 0.4
V
VILC
I/O VCC Input LOW Voltage
0.15
V
VIHL
I/O VL Input HIGH Voltage
VL − 0.2
V
VILL
I/O VL Input LOW Voltage
0.15
V
VIH
Control Pin Input HIGH Voltage
VL − 0.2
V
VIL
Control Pin Input LOW Voltage
0.15
V
VOHC
I/O VCC Output HIGH Voltage
I/O VCC Source Current = 20 mA
2/3 * VCC
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC Sink Current = 20 mA
1/3 * VCC
V
VOHL
I/O VL Output HIGH Voltage
I/O VL Source Current = 20 mA
2/3 * VL
V
VOLL
I/O VL Output LOW Voltage
I/O VL Sink Current = 20 mA
1/3 * VL
V
IQVCC
VCC Supply Current
I/O VCC and I/O VL Unconnected,
VEN = VL
0.5
2.0
mA
IQVL
VL Supply Current
I/O VCC and I/O VL Unconnected,
VEN = VL
0.3
1.5
mA
ITS−VCC VCC Tristate Output Mode Supply Current
I/O VCC and I/O VL Unconnected,
VEN = GND
0.1
1.0
mA
ITS−VL
VL Tristate Output Mode Supply Current
I/O VCC and I/O VL Unconnected,
VEN = GND
0.1
1.0
mA
IOZ
I/O Tristate Output Mode Leakage Current
TA = +25°C
0.1
1.0
mA
RPU
Pullup Resistor I/O VL and VCC
TA = +25°C
10
kW
1. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C.
2. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn