Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4373 Datasheet(PDF) 8 Page - ON Semiconductor

Part No. NLSX4373
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLSX4373_13 Datasheet HTML 4Page - ON Semiconductor NLSX4373_13 Datasheet HTML 5Page - ON Semiconductor NLSX4373_13 Datasheet HTML 6Page - ON Semiconductor NLSX4373_13 Datasheet HTML 7Page - ON Semiconductor NLSX4373_13 Datasheet HTML 8Page - ON Semiconductor NLSX4373_13 Datasheet HTML 9Page - ON Semiconductor NLSX4373_13 Datasheet HTML 10Page - ON Semiconductor NLSX4373_13 Datasheet HTML 11Page - ON Semiconductor NLSX4373_13 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLSX4373
http://onsemi.com
8
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
2xVCC
Test
Switch
tPZH, tPHZ
Open
tPZL, tPLZ
2 x VCC
CL = 15 pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 50 kW or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 7. Test Circuit for Enable/Disable Time Measurement
VCC
GND
tF
tR
10%
50%
90%
10%
50%
90%
tR
tPLH
tPHL
tF
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 8. Timing Definitions for Propagation Delays and Enable/Disable Measurement
EN
Input
50%
VL
Output
Output
Output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn