Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLSX4378 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NLSX4378
Description  4-Bit 24 Mb/s Dual-Supply Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4378 Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX4378_12 Datasheet HTML 1Page - ON Semiconductor NLSX4378_12 Datasheet HTML 2Page - ON Semiconductor NLSX4378_12 Datasheet HTML 3Page - ON Semiconductor NLSX4378_12 Datasheet HTML 4Page - ON Semiconductor NLSX4378_12 Datasheet HTML 5Page - ON Semiconductor NLSX4378_12 Datasheet HTML 6Page - ON Semiconductor NLSX4378_12 Datasheet HTML 7Page - ON Semiconductor NLSX4378_12 Datasheet HTML 8Page - ON Semiconductor NLSX4378_12 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NLSX4378
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Condition
Value
Unit
VCC
DC Supply Voltage
−0.3 to +7.0
V
VL
DC Supply Voltage
−0.3 to +7.0
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.3 to (VCC + 0.3)
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.3 to (VL + 0.3)
V
VEN
Enable Control Pin DC Input Voltage
−0.3 to +7.0
V
II/O_SC
Short−Circuit Duration (I/O VL and I/O VCC to GND)
Continuous
40
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
1.65
5.5
V
VL
DC Supply Voltage
1.65
5.5
V
VEN
Enable Control Pin Voltage
GND
5.5
V
VIO
Enable Control Pin Voltage
GND
5.5
V
TA
Operating Temperature Range
−40
+85
°C
DC ELECTRICAL CHARACTERISTICS (VCC = 1.65 V to 5.5 V and VL = 1.65 V to 5.5 V, unless otherwise specified)
Symbol
Parameter
Test Conditions
−405C to +855C
Unit
Min
Typ
(Notes 1, 2)
Max
VIHC
I/O VCC Input HIGH Voltage
VCC − 0.4
V
VILC
I/O VCC Input LOW Voltage
0.15
V
VIHL
I/O VL Input HIGH Voltage
VL − 0.4
V
VILL
I/O VL Input LOW Voltage
0.15
V
VIH
Control Pin Input HIGH Voltage
0.65 * VL
V
VIL
Control Pin Input LOW Voltage
0.35 * VL
V
VOHC
I/O VCC Output HIGH Voltage
I/O VCC Source Current = 20 mA
0.8 * VCC
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC Sink Current = 1.0 mA
I/O_VL ≤ 0.15 V
0.4
V
VOHL
I/O VL Output HIGH Voltage
I/O VL Source Current = 20 mA
0.8 * VL
V
VOLL
I/O VL Output LOW Voltage
I/O VL Sink Current = 1.0 mA
I/O_VCC ≤ 0.15 V
0.4
V
IQVCC
VCC Supply Current
I/O VCC and I/O VL Unconnected,
VEN = VL
0.5
2.0
mA
IQVL
VL Supply Current
I/O VCC and I/O VL Unconnected,
VEN = VL
0.3
1.0
mA
ITS−VCC VCC Tristate Output Mode Supply Current
I/O VCC and I/O VL Unconnected,
VEN = GND
0.1
1.0
mA
ITS−VL
VL Tristate Output Mode Supply Current
I/O VCC and I/O VL Unconnected,
VEN = GND
0.1
1.0
mA
IOZ
I/O Tristate Output Mode Leakage Current
TA = +25°C
0.1
1.0
mA
RPU
Pullup Resistor I/O VL and VCC
TA = +25°C
10
kW
1. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C.
2. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn