Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB14AN06LA0 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDB14AN06LA0
Description  N-Channel PowerTrench MOSFET 60V, 60A, 14.6m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB14AN06LA0 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDB14AN06LA0 Datasheet HTML 1Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 2Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor FDB14AN06LA0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
January 2004
FDB14AN06LA0 / FDP14AN06LA0 Rev. B
FDB14AN06LA0 / FDP14AN06LA0
N-Channel PowerTrench® MOSFET
60V, 60A, 14.6m
Features
•rDS(ON) = 12.8mΩ (Typ.), VGS = 5V, ID = 60A
•Qg(tot) = 24nC (Typ.), VGS = 5V
• Low Miller Charge
•Low QRR Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 83557
Applications
• Motor / Body Load Control
• ABS Systems
• Powertrain Management
• Injection Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 12V and 24V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a
copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems
certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
60
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
67
A
Continuous (TC = 25
oC, V
GS = 10V)
Continuous (TC = 25
oC, V
GS = 5V)
60
A
Continuous (TA = 25
oC, V
GS = 5V, R
θJA = 43
oC/W)
10
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
46
mJ
PD
Power dissipation
125
W
Derate above 25
oC0.83
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-220,TO-263
1.2
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-220,TO-263 (Note 2)
62
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-263, 1in
2 copper pad area
43
oC/W
D
G
S
TO-263AB
FDB SERIES
GATE
SOURCE
DRAIN
(FLANGE)
TO-220AB
FDP SERIES
DRAIN
DRAIN
GATE
SOURCE
(FLANGE)


Similar Part No. - FDB14AN06LA0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB14AN06LA0 ISC-FDB14AN06LA0 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB14AN06LA0

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD14AN06LA0-F085 ONSEMI-FDD14AN06LA0-F085 Datasheet
870Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com