Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDG901D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDG901D
Description  Slew Rate Control Driver IC for P-Channel MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG901D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDG901D Datasheet HTML 1Page - Fairchild Semiconductor FDG901D Datasheet HTML 2Page - Fairchild Semiconductor FDG901D Datasheet HTML 3Page - Fairchild Semiconductor FDG901D Datasheet HTML 4Page - Fairchild Semiconductor FDG901D Datasheet HTML 5Page - Fairchild Semiconductor FDG901D Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDG901D rev. D (W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ Max Units
Logic Levels
VIH
Logic HIGH Input Voltage
VDD = 2.70V to 6.0 V
75%
of VDD
V
VIL
Logic LOW Input Voltage
VDD = 2.70V to 6.0 V
25%
of VDD
V
OFF Characteristics
BVIN
Logic Input Breakdown Voltage
IIN = 10
µA, VSLEW = 0 V
9
V
BVSLEW
Slew Input Breakdown Voltage
ISLEW = 10
µA, VIN = 0 V
9
V
BVDG
Supply Input Breakdown Voltage
IDG = 10
µA, VIN = 0 V, VSLEW = 0 V
9
V
IRIN
LOGIC Input Leakage Current
VIN = 8 V, VSLEW = 0 V
100
nA
IRSLEW
SLEW Input Leakage Current
VSLEW = 8 V, VIN = 0 V
100
nA
IRDG
Supply Input Leakage Current
VDG = 8 V, VIN = 0 V, VSLEW = 0 V
100
nA
ON Characteristics
IG
Gate Current
SLEW = OPEN
90
120
µA
SLEW = GND
1
10
µA
VIN = 6V
VGATE = 2V
SLEW = VDD
10
50
nA
Switching Characteristics
tdon
Output Turn-On Delay Time
Slew Pin = OPEN
8.3
µs
tdon
Output Turn-On Delay Time
Slew Pin = GROUND
0.6
ms
tdon
Output Turn-On Delay Time
Slew Pin = VDD
VSupply = 5.5 V, VDD = 5.5 V,
Logic IN = 5.5 V,
CLOAD = 510 pF, Test Circuit
2.2
ms
trise
Output Rise Time
Slew Pin = OPEN
28
µs
trise
Output Rise Time
Slew Pin = GROUND
1.8
ms
trise
Output Rise Time
Slew Pin = VDD
VSupply = 5.5 V, VDD = 5.5 V,
Logic IN = 5.5 V,
CLOAD = 510 pF, Test Circuit
11
ms
dv/dt
Output Slew Rate
Slew Pin = OPEN
162
V/ms
dv/dt
Output Slew Rate
Slew Pin = GROUND
2.6
V/ms
dv/dt
Output Slew Rate
Slew Pin = VDD
VSupply = 5.5 V, VDD = 5.5 V,
Logic IN = 5.5 V,
CLOAD = 510 pF, Test Circuit
0.3
V/ms
Notes: R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface
of the drain pins. R
θJC is guaranteed by design while RθCA is determined by the user's board design.
LOGIC IN
VDD
SLEW
V
SUPPLY
C
Load
Test Circuit
1
2
4
3
5
LOGIC IN
VDD
SLEW
V
SUPPLY
C
Load
Test Circuit
1
2
4
3
5
tdon
trise
10%
10%
90%
LOGIC IN
OUTPUT
(Inverted)
Switching Waveforms
tdon
trise
10%
10%
90%
LOGIC IN
OUTPUT
(Inverted)
Switching Waveforms


Similar Part No. - FDG901D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FDG VISHAY-FDG Datasheet
134Kb / 7P
   Axial Vitreous Leaded Wirewound Resistors with CECC Approval
logo
Merrimac Industries, In...
FDG-4A-1600 MERRIMAC-FDG-4A-1600 Datasheet
135Kb / 1P
   FREQUENCY DOUBLER
logo
Fairchild Semiconductor
FDG1024NZ FAIRCHILD-FDG1024NZ Datasheet
298Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 20 V, 1.2 A, 175 m廓
logo
VBsemi Electronics Co.,...
FDG1024NZ VBSEMI-FDG1024NZ Datasheet
932Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDG901D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Alpha & Omega Semicondu...
AOZ32033AQI AOSMD-AOZ32033AQI Datasheet
750Kb / 13P
   Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.2 September 2022
AOZ32034AQV AOSMD-AOZ32034AQV Datasheet
1Mb / 12P
   Coil Driver for Wireless Charger Transmitter with Slew-Rate Control
Rev. 1.1 January 2022
logo
Toshiba Semiconductor
TCK107G TOSHIBA-TCK107G Datasheet
280Kb / 11P
   1.0 A Load Switch IC with Slew Rate Control Driver in Ultra Small Package
logo
Integrated Circuit Syst...
9DBU0541 ICST-9DBU0541 Datasheet
190Kb / 16P
   slew rate for each output
9DBU0741 ICST-9DBU0741 Datasheet
225Kb / 17P
   slew rate for each output
9DBU0831 ICST-9DBU0831 Datasheet
308Kb / 17P
   slew rate for each output
9DBU0941 ICST-9DBU0941 Datasheet
303Kb / 17P
   slew rate for each output
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com