Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

860080675012 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 860080675012
Description  WCAP-ATLI Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

860080675012 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  860080675012 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 860080675012 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ATLI Aluminum Electrolytic
Capacitors
Order.- No.
860080675012
SIZE
A4
Size: 10.0 x 12.5
Component Marking:
Print
1st Line
2nd Line
3rd Line
4th Line
Description
Capacitance value: 150 µF & Rated voltage: 50 V (DC)
WCAP-ATLI & max. operating temperature +105°C
Datecode: YWW
VENT marking
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 860080675012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860080675011 WURTH-860080675011 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080675014 WURTH-860080675014 Datasheet
484Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
1.0 2014-11-11
860080675015 WURTH-860080675015 Datasheet
484Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
1.0 2014-11-11
860080675016 WURTH-860080675016 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
1.0 2014-11-11
860080675017 WURTH-860080675017 Datasheet
484Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results

Similar Description - 860080675012

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860080272004 WURTH-860080272004 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080273008 WURTH-860080273008 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080372003 WURTH-860080372003 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080674007 WURTH-860080674007 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080674008 WURTH-860080674008 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080574006 WURTH-860080574006 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080678019 WURTH-860080678019 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080374016 WURTH-860080374016 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080773004 WURTH-860080773004 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080773006 WURTH-860080773006 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
860080774008 WURTH-860080774008 Datasheet
485Kb / 7P
   WCAP-ATLI Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com